Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12DBL0409 Datasheet(PDF) 3 Page - Mimix Broadband

Part # 12DBL0409
Description  10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

12DBL0409 Datasheet(HTML) 3 Page - Mimix Broadband

  12DBL0409 Datasheet HTML 1Page - Mimix Broadband 12DBL0409 Datasheet HTML 2Page - Mimix Broadband 12DBL0409 Datasheet HTML 3Page - Mimix Broadband 12DBL0409 Datasheet HTML 4Page - Mimix Broadband 12DBL0409 Datasheet HTML 5Page - Mimix Broadband 12DBL0409 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF
In
RF
Out
1
2
3
4
5
6
Vd1
Vd2
Vg1
Vg2
0.970
(0.038)
1
2
3
4
5
6
0.483
(0.019)
0.881
(0.035)
0.362
(0.014)
0.795
(0.031)
1.620
(0.064)
0.394
(0.016)
0.0
0.0
0.605
(0.024)
10.0-13.0/20.0-26.0 GHz GaAs MMIC
Active Doubler
Mechanical Drawing
12DBL0409
Page 3 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2005 - Rev 01-Mar-05
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 12DBL0409)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.115 +/- 0.010 (0.0045 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 0.974 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vd1)
Bond Pad #3 (Vd2)
Bond Pad #4 (RF Out)
Bond Pad #5 (Vg2)
Bond Pad #6 (Vg1)
RF In
Vd1
Vd2
RF Out
Vg2
Vg1


Similar Part No. - 12DBL0409

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
12DB YUANDEAN-12DB Datasheet
627Kb / 2P
   DC-DC Converter
12DB-05D05N YUANDEAN-12DB-05D05N Datasheet
627Kb / 2P
   DC-DC Converter
12DB-05D05N2W YUANDEAN-12DB-05D05N2W Datasheet
618Kb / 2P
   DC-DC Converter
12DB-05D05N4KV YUANDEAN-12DB-05D05N4KV Datasheet
249Kb / 2P
   DC-DC Converter
12DB-05D09N YUANDEAN-12DB-05D09N Datasheet
627Kb / 2P
   DC-DC Converter
More results

Similar Description - 12DBL0409

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1004-BD MIMIX-XX1004-BD Datasheet
227Kb / 6P
   10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1003-BD MIMIX-XU1003-BD Datasheet
220Kb / 7P
   19.0-26.0 GHz GaAs MMIC Transmitter
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
logo
Mimix Broadband
XR1005 MIMIX-XR1005 Datasheet
346Kb / 9P
   19.0-26.0 GHz GaAs MMIC Receiver
XU1003 MIMIX-XU1003 Datasheet
374Kb / 7P
   19.0-26.0 GHz GaAs MMIC Transmitter
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com