Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27TRX0357 Datasheet(PDF) 5 Page - Mimix Broadband

Part # 27TRX0357
Description  27.0-36.0 GHz GaAs MMIC Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

27TRX0357 Datasheet(HTML) 5 Page - Mimix Broadband

  27TRX0357 Datasheet HTML 1Page - Mimix Broadband 27TRX0357 Datasheet HTML 2Page - Mimix Broadband 27TRX0357 Datasheet HTML 3Page - Mimix Broadband 27TRX0357 Datasheet HTML 4Page - Mimix Broadband 27TRX0357 Datasheet HTML 5Page - Mimix Broadband 27TRX0357 Datasheet HTML 6Page - Mimix Broadband 27TRX0357 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
27TRX0357
May 2005 - Rev 20-May-05
27.0-36.0 GHz GaAs MMIC
Transmitter
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 5 of 7
App Note [3] USB/LSB Selection -
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90
o
In Phase Combiner
USB
In Phase Combiner
LSB
-90
o
IF2
IF1
IF2
IF1


Similar Part No. - 27TRX0357

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
27T102C MURATA-27T102C Datasheet
148Kb / 3P
   Surface Mount Power Inductors
27T103C MURATA-27T103C Datasheet
148Kb / 3P
   Surface Mount Power Inductors
27T104C MURATA-27T104C Datasheet
148Kb / 3P
   Surface Mount Power Inductors
27T152C MURATA-27T152C Datasheet
148Kb / 3P
   Surface Mount Power Inductors
27T153C MURATA-27T153C Datasheet
148Kb / 3P
   Surface Mount Power Inductors
More results

Similar Description - 27TRX0357

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1007-BD MIMIX-XU1007-BD Datasheet
207Kb / 7P
   27.0-36.0 GHz GaAs MMIC Transmitter
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com