Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP3-99XXCG-XX-X Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BTP3-99XXCG-XX-X
Description  ProLite 3W SMD Emitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTP3-99XXCG-XX-X Datasheet(HTML) 1 Page - DB Lectro Inc

  BTP3-99XXCG-XX-X Datasheet HTML 1Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 2Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 3Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 4Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 5Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 6Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 7Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 8Page - DB Lectro Inc BTP3-99XXCG-XX-X Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Part No.: BTP3-99XXCG-XX-X/W
Rev1.2005
Page 1 of 10
ProLite 3W SMD Emitter
BTP3-99XXCG-XX-X/W
Package Dimension
Features
Highest Lumen Per Watt
Long Operational Life
White Housing
Superior ESD Protection
Instant Light (less than 100ns)
Compatible to Luxeon’s “Lambertian”
True SMD Emitter
IR Reflow Soldering Process
Applications
Accent Light/Down Light/Spot Light
Automotive Exterior/Interior Light
Large Area LCD Backlights
Marine/Miner’s Lighting
Portable Flashlight/ General Lighting
Note: Lens is low dome profile
Tolerance:
± see spec
Unit: mm
Optical Characteristics at TJ=25ºC, IF=700mA
Wavelength (nm)
CCT (K) Range
Drive
Voltage
@ 700mA
Luminous
Flux (lm)
@700mA
PART NUMBER
Emitting
Color
LED Chip
Material
Lens
Color
Min
Max
Typ.
Typ.
VIEW
ANGLE
1/2
(deg)
BTP3-99NRCG-XX-X/W
Normal Red
Water Clear
620
635
2.40V
60 lm
BTP3-99AMCG-XX-X/W
Amber
Water Clear
610
620
2.40V
72 lm
BTP3-99YECG-XX-X/W
Yellow
AlInGaP
Water Clear
585
595
2.40V
60 lm
BTP3-99BLCG-XX-X/W
Blue
Water Clear
460
475
3.50V
20 lm
BTP3-99PGCG-XX-X/W
Green
Water Clear
520
540
3.50V
60 lm
BTP3-99WWCG-XX-X/W Warm White
Water Clear
2800K
3800K
3.50V
40 lm
BTP3-99WHCG-XX-X/W
White
AlInGaN
Water Clear
5000K
8000K
3.50V
60 lm
140
Notes:
1)
Picture for illustration purpose only. Please refer to outline dimension for actual package size.
2)
Flux is measured with the accuracy of ±15%. Please refer to Flux Selection Guide
3)
CCT is measured with the accuracy of ± 400K. Please refer to CCT Selection Guide
4)
VF is measured with the accuracy of ± 0.15V. Please refer to VF Selection Guide
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - BTP3-99XXCG-XX-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTP32C1 ETC2-BTP32C1 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
BTP32C3 ETC2-BTP32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
BTP32C5 ETC2-BTP32C5 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
BTP32E1 ETC2-BTP32E1 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
BTP32E3 ETC2-BTP32E3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
More results

Similar Description - BTP3-99XXCG-XX-X

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-99XXCG-XX-X DBLECTRO-BTP-99XXCG-XX-X Datasheet
539Kb / 10P
   ProLite 1W SMD Emitter
BTP5-99XXCT-XX-X DBLECTRO-BTP5-99XXCT-XX-X Datasheet
328Kb / 7P
   ProLite 5W SMD Star
BTP-99XXCT-XX-X DBLECTRO-BTP-99XXCT-XX-X Datasheet
523Kb / 8P
   ProLite 1W SMD Star
logo
Roithner LaserTechnik G...
HP-803XX ROITHNER-HP-803XX Datasheet
198Kb / 6P
   3W Emitter Power LED Series
logo
TT Electronics.
OP181 TTELEC-OP181 Datasheet
570Kb / 4P
   SMD Emitter Component
logo
MORNSUN Science& Techno...
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
logo
Minmax Technology Co., ...
MSIW1000 MINMAX-MSIW1000_15 Datasheet
412Kb / 5P
   DC/DC CONVERTER 3W, SMD-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
logo
PREMO CORPORATION S.L
SEA PREMO-SEA_14 Datasheet
77Kb / 1P
   SMD Small Emitter Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com