Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950813 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950813 Datasheet HTML 1Page - Integrated Circuit Systems ICS950813 Datasheet HTML 2Page - Integrated Circuit Systems ICS950813 Datasheet HTML 3Page - Integrated Circuit Systems ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
ICS950813
Advance Information
0708—10/10/02
Host Swing Select Functions
MULTSEL
0
1
Output
Ioh = 4 * I REF
Ioh = 6 * I REF
1.0V @ 50 ohm
0.7V @ 50 ohm
Voh @ Z
Board Target
Reference R,
Rr = 221 1%,
Iref = 5.00mA
Rr = 475 1%,
Iref = 2.32mA
50 ohms
50 ohms
PCI Select Functions
1
0
1.0ns
1
1
1.5ns
0
0
0ns
0
1
0.5ns
E_PCICLK1
E_PCICLK3
E_PCICLK(3,1)
*
Note:
* Approximate values
E_PCICLK3 = 10Kohm resistor.
0 = No resistor
1 = 10Kohm pull-up to V
DD.
E_PCICLK1 = 10Kohm resistor.
Frequency Select Table 2
FS4
FS3
FS2
000
001
010
011
100
101
110
111
Freqency Select
CPU, 3V66, PCI
Standard Clocking
10% Overclocking
Clocking Mode
Standard Clocking
0.3% Center Spread
Standard Clocking
0 to -0.5%, Down Spread
0.3% Center Spread
Standard Clocking
0 to - 0.75%, Down
Pwr Save Clocking
Spread Off
0.3% Center Spread
3% Overclocking
0.3% Center Spread
5% Overclocking
0.3% Center Spread
PWRSAVE# Usage Illustration
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
AGP
PCI
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
X
X
X
0
0
XXX
XXX
XXX
X
X
X
0
1
XXX
XXX
XXX
X
X
X
1
0
XXX
XXX
XXX
XX
X
1
1
XXX
XXX
XXX
1
0
0
0
0
80.00
53.33
26.67
1
0
0
0
1
106.66
53.33
26.67
1
0
0
1
0
160.00
53.33
26.67
10
0
1
1
133.33
53.33
26.67
PWRSAVE# = '0'. as
PWRSAVE# is driven to low '0'.
The output frequencies of the
CPU, AGP and PCI clock will
smoothly switch to frequencies
indicated by FS (4:2) = 100. The
frequencies gear ratio will be kept
the same. Notice that the 48MHz
& REF frequencies will not be
changed. This function can be
used with asynchronous
AGP/PCI frequencies.
PWRSAVE# = '1'. as
PWRSAVE# is driven back to
high '1'. The output frequencies
will be driven back to the
original programmed
frequencies smoothly. Notice
that this operation will only
happen after the PWRSAVE#
has been driven to '0'. This will
not affect power up or I2C
programmed frequencies if the
PWRSAFE# has been tied to a
'1'.


Similar Part No. - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS950810YFLF-T ICST-ICS950810YFLF-T Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810YFLF-T RENESAS-ICS950810YFLF-T Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950810YGLF-T RENESAS-ICS950810YGLF-T Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
More results

Similar Description - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
logo
Integrated Circuit Syst...
ICS950818 ICST-ICS950818 Datasheet
154Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com