Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63R836FC4.0 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCM63R836FC4.0
Description  MCM63R836
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM63R836FC4.0 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCM63R836FC4.0 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MCM63R836
•MCM63R918
9
MOTOROLA FAST SRAM
The table of timing values shows either a minimum or
a maximum limit for each parameter. Input requirements
are specified from the external system point of view.
Thus, address setup time is shown as a minimum since
the system must supply at least that much time. On the
other hand, responses from the memory are specified
from the device point of view. Thus, the access time is
shown as a maximum since the device never provides
data later than that time.
TIMING LIMITS
DEVICE
UNDER
TEST
ZQ
50
50
0.75 V
VDDQ/2
Vref
250
Figure 1. Test Loads
50
50
0.75 V
0.75 V
50
50
5 pF
5 pF
16.7
DQ
16.7
16.7
0.75 V
a. Test Load
b. Test Load
AC INPUT CHARACTERISTICS (See Note 1)
Parameter
Symbol
Min
Max
Notes
AC Input Logic High (See Figure 4)
VIH (ac)
Vref + 200 mV
AC Input Logic Low (See Figures 2 and 4)
VIL (ac)
Vref – 200 mV
2
Input Reference Peak to Peak ac Voltage
Vref (ac)
5% Vref (dc)
3
Clock Input Differential Voltage
Vdif (ac)
400 mV
VDDQ + 500 mV
4
NOTES:
1. Inputs may overshoot to 3.3 V for up to 35% tKHKH or 1.0 ns, whichever is smaller, and 3.8 V instantaneous peak overshoot. See Figure 2.
2. Inputs may undershoot to VSS – 1.0 V for up to 35% tKHKH or 1.0 ns, whichever is smaller, and VSS – 1.5 V instantaneous peak undershoot.
See Figure 2.
3. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak to peak ac component
superimposed on Vref may not exceed 5% of the dc component of Vref.
4. Minimum instantaneous differential input voltage required for differential input clock operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63R836FC4.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com