Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9512ADP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCA9512ADP
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCA9512ADP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCA9512ADP Datasheet HTML 1Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 2Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA9512ADP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PCA9512A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 October 2005
5 of 22
Philips Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
STOP condition is seen on the SDAIN and SCLIN pins, the connect circuitry is activated,
connecting SDAIN to SDAOUT and SCLIN to SCLOUT. The 1 V precharge circuitry is
disabled when the connection is made, unless the ACC pin is LOW; the rise time
accelerators are enabled at this time also.
8.2 Connect circuitry
Once the connection circuitry is activated, the behavior of SDAIN and SDAOUT as well as
SCLIN and SCLOUT become identical, with each acting as a bidirectional buffer that
isolates the input bus capacitance from the output bus capacitance while communicating.
If VCC ≠ VCC2, then a level shifting function is performed between input and output. A LOW
forced on either SDAIN or SDAOUT will cause the other pin to be driven to a LOW by the
PCA9512A. The same is also true for the SCLn pins. Noise between 0.7VCC and VCC on
the SDAIN and SCLIN pins, and 0.7VCC2 and VCC2 on the SDAOUT and SCLOUT pins is
generally ignored because a falling edge is only recognized when it falls below 0.7VCC for
SDAIN and SCLIN (or 0.7VCC2 for SDAOUT and SCLOUT pins) with a slew rate of at least
1.25 V/
µs. When a falling edge is seen on one pin, the other pin in the pair turns on a
pull-down driver that is referenced to a small voltage above the falling pin. The driver will
pull the pin down at a slew rate determined by the driver and the load. The first falling pin
may have a fast or slow slew rate; if it is faster than the pull-down slew rate, then the initial
pull-down rate will continue until it is LOW. If the first falling pin has a slow slew rate, then
the second pin will be pulled down at its initial slew rate only until it is just above the first
pin voltage then they will both continue down at the slew rate of the first.
Once both sides are LOW they will remain LOW until all the external drivers have stopped
driving LOWs. If both sides are being driven LOW to the same (or nearly the same) value
by external drivers, which is the case for clock stretching and is typically the case for
acknowledge, and one side external driver stops driving, that pin will rise and rise above
the nominal offset voltage until the internal driver catches up and pulls it back down to the
offset voltage. This bounce is worst for low capacitances and low resistances, and may
become excessive. When the last external driver stops driving a LOW, that pin will bounce
up and settle out just above the other pin as both rise together with a slew rate determined
by the internal slew rate control and the RC time constant. As long as the slew rate is at
least 1.25 V/
µs, when the pin voltage exceeds 0.6 V, the rise time accelerator circuits are
turned on and the pull-down driver is turned off. If the ACC pin is LOW, the rise time
accelerator circuits will be disabled, but the pull-down driver will still turn off.
8.3 Maximum number of devices in series
Each buffer adds about 0.1 V dynamic level offset at 25
°C with the offset larger at higher
temperatures. Maximum offset (Voffset) is 0.150 V with a 10 kΩ pull-up resistor. The LOW
level at the signal origination end (master) is dependent upon the load and the only
specification point is the I2C-bus specification of 3 mA will produce VOL < 0.4 V, although if
lightly loaded the VOL may be ∼0.1 V. Assuming VOL = 0.1 V and Voffset = 0.1 V, the level
after four buffers would be 0.5 V, which is only about 0.1 V below the threshold of the
rising edge accelerator (about 0.6 V). With great care a system with four buffers may
work, but as the VOL moves up from 0.1 V, noise or bounces on the line will result in firing
the rising edge accelerator thus introducing false clock edges. Generally it is
recommended to limit the number of buffers in series to two, and to keep the load light to
minimize the offset.


Similar Part No. - PCA9512ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512ADP NXP-PCA9512ADP Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512ADP NXP-PCA9512ADP Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
More results

Similar Description - PCA9512ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com