Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A412ZLE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3A412ZLE
Description  0.4ohm, 3.3V, Quad SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZLE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3A412ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PS8834
05/22/06
PI3A412
0.4Ω, 3.3V, Quad SPDT Analog Switch
COMPANY CONFIDENTIAL
Figure 4. Charge Injection Test
���
����
���
���
���
�����
�����
�����
�����
�����
��������
���
���
��
���
�����
Figure 5. Off Isolation
��������
����
����
���
��
��
��
�����������
���������
��
��
�������
���������
��������
Figure 6. Crosstalk
��������
������
���������
����
����
���
��
��
��
��
��
��
��
��������
��
Figure 7. Channel Off Capacitance
Figure 8. Channel On Capacitance
�����������
�����
���
����
���
���������
��
��
�����������
���������
�����������
�����
���
����
���
��
��
���������
�����������
���������
06-0068


Similar Part No. - PI3A412ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A412ZHE PERICOM-PI3A412ZHE Datasheet
342Kb / 10P
   Small Plastic Package, Quad SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
   Small Plastic Package, Quad SPDT Analog Switch
More results

Similar Description - PI3A412ZLE

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A412E PERICOM-PI3A412E Datasheet
774Kb / 9P
   0.5廓, 3.3V, Quad SPDT Analog Switch with Enable
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com