Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74AUC164245 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74AUC164245
Description  16-Bit 0.8V to 2.7V Scaled Configurable Level Shifting Transceiver with 3-State Outputs1DIR1OE1B11471A1To
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AUC164245 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74AUC164245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AUC164245 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8730
08/17/04
PI74AUC164245
16-Bit 1.2V to 2.7V Level Shifting
Transceiver with 3-State Outputs
Output
Control
(low-level�
enabling)
Output
Waveform 2
S1 at GND
(see note 2)
tPZL
tPLZ
VCCA
0V
VOL
Output
Waveform 1
S1 at 2xVCCO
(see note 2)
VOH
VOH–V
VOL+V
tPHZ
tPZH
VCCA/2
VCCA/2
VCCO/2
VCCO/2
From Output
Under Test
VIN
CL
(see note 1)
2 x VCCO
GND
Open
RL
RL
Input
tPLH
tPHL
VCCI/2
VCCI/2
VCCI
VCCO/2
VCCO/2
0V
VOH
VOL
Output
S1
VCCO
Input
tW
VCCI/2
VCCI
VCCI/2
0V
Parameter Measurement Information
Figure 1. Load Circuit and Voltage Waveforms
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Notes:
1.
CL includes probe and jig capacitance.
2.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
3.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10Mz, ZO = 50Ω, Slow rate ≥ 1V/ns.
4.
The outputs are measured one at a time with one transition per measurement.
5.
tPLZ and tPHZ are the same as tDIS.
6.
tPZL and tPZH are the same as tEN.
7.
tPLH and tPHL are the same as tPD.
8.
VCCI defines the input port.
9.
VCCO defines the output port.
Voltage Waveforms Enable and Disable Times
Test
S1
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2X VCCO
GND
VCCO
CL
RL
V∆
0.8V
1.2V ± 0.1V
1.5V ± 0.1V
1.8V ± 0.15V
2.5V ± 0.2V
15pF
15pF
15pF
20pF
20pF
2kΩ
2kΩ
2kΩ
1kΩ
500Ω
0.1V
0.1V
0.1V
0.15V
0.15V


Similar Part No. - PI74AUC164245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AUC16244 PERICOM-PI74AUC16244 Datasheet
368Kb / 7P
   1.8V 16-Bit Buffer/Driver with 3-State Outputs
PI74AUC16244A PERICOM-PI74AUC16244A Datasheet
368Kb / 7P
   1.8V 16-Bit Buffer/Driver with 3-State Outputs
PI74AUC16244K PERICOM-PI74AUC16244K Datasheet
368Kb / 7P
   1.8V 16-Bit Buffer/Driver with 3-State Outputs
More results

Similar Description - PI74AUC164245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LA PERICOM-PI74AVC164245LA Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
86Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LXCH8T245 TI-SN74LXCH8T245 Datasheet
1Mb / 29P
[Old version datasheet]   SN74LXCH8T245 8-bit Translating Transceiver with Configurable Level Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V02 Datasheet
1Mb / 35P
[Old version datasheet]   SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com