Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWY87C Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWY87C
Description  Micro SIDELEDR Enhanced optical Power LED (ATONR)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C Datasheet(HTML) 4 Page - OSRAM GmbH

  LWY87C Datasheet HTML 1Page - OSRAM GmbH LWY87C Datasheet HTML 2Page - OSRAM GmbH LWY87C Datasheet HTML 3Page - OSRAM GmbH LWY87C Datasheet HTML 4Page - OSRAM GmbH LWY87C Datasheet HTML 5Page - OSRAM GmbH LWY87C Datasheet HTML 6Page - OSRAM GmbH LWY87C Datasheet HTML 7Page - OSRAM GmbH LWY87C Datasheet HTML 8Page - OSRAM GmbH LWY87C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2003-03-04
4
LW Y87C
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Farbkoordinate x nach CIE 1931
1)
(typ.)
Chromaticity coordinate x acc. to CIE 1931
I
F = 20 mA
x0.33
Farbkoordinate y nach CIE 1931
1)
(typ.)
Chromaticity coordinate y acc. to CIE 1931
I
F = 20 mA
y0.33
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
Grad
deg.
Durchlassspannung
2)
(min.)
Forward voltage
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
3.0
3.6
4.1
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
µA
µA
Temperaturkoeffizient von x
(typ.)
Temperature coefficient of x
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
x
– 0.1
10
-3/K
Temperaturkoeffizient von y
(typ.)
Temperature coefficient of y
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
y
– 0.2
10
-3/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
– 3.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
10
lm/W
1)
Farbortgruppen werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±0,01 ermittelt.
Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of ±0.01.
2)
Durchlassspannungsgruppen werden mit einer Stromeinprägedauer von 1 ms und einer Genauigkeit von ±0,05 V
ermittelt.
Forward voltage groups are tested at a current pulse duration of 1 ms and a tolerance of ±0.05 V.


Similar Part No. - LWY87C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
LWY87C-T1U1-3K8L OSRAM-LWY87C-T1U1-3K8L Datasheet
607Kb / 22P
   white SMT package
LWY87C-T1U1-3K8L OSRAM-LWY87C-T1U1-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
More results

Similar Description - LWY87C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY8SG OSRAM-LWY8SG Datasheet
599Kb / 17P
   Micro SIDELED짰 long life Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com