Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15E07SR Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB15E07SR
Description  Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E07SR Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB15E07SR Datasheet HTML 5Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 6Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 7Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 8Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 9Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 10Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 11Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 12Page - Fujitsu Component Limited. MB15E07SR Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MB15E07SR
9
Table 2. Binary 14-bit Programmable Reference Counter Data Setting
Note
: Divide ratio less than 3 is prohibited.
Table 3. Binary 11-bit Programmable Counter Data Setting
Note
: Divide ratio less than 3 is prohibited.
Divide ratio (R)
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
3
0
0
0
0
0
000000011
4
0
0
0
0
0
000000100
⋅⋅⋅⋅⋅⋅⋅⋅⋅
16383
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Divide ratio (N)
N11
N10
N9N8N7N6N5N4N3N2N1
3
0
0000000011
4
0
0000000100
⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅
2047
1
1111111111
123456789
10
11
12
13
14
15
16
17
18
19
C
N
T
A
1
A
2
A
3
A
4
A
5
A
6
A
7
N
1
N
2
N
3
N
4
N
5
N
6
N
7
N
8
N
9
N
10
N
11
Programmable Counter
LSB
MSB
Data Flow
CNT
: Control bit
[Table 1]
N1 to N11: Divide ratio setting bits for the programmable counter (3 to 2,047)
[Table 3]
A1 to A7 : Divide ratio setting bits for the swallow counter (0 to 127)
[Table 4]
Note: Data input with MSB first.


Similar Part No. - MB15E07SR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SLPFV1 FUJITSU-MB15E07SLPFV1 Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SLPV1 FUJITSU-MB15E07SLPV1 Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
More results

Similar Description - MB15E07SR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com