Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15E07SRPV1 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB15E07SRPV1
Description  Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E07SRPV1 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB15E07SRPV1 Datasheet HTML 1Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 2Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 3Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 4Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 5Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 6Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 7Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 8Page - Fujitsu Component Limited. MB15E07SRPV1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
MB15E07SR
3
■ PIN DESCRIPTIONS
Pin no.
Pin
name
I/O
Descriptions
TSSOP
BCC
116
OSCIN
I
Programmable reference divider input. Connection to a TCXO.
2
1
N.C.
No connection.
32
VP
Power supply voltage input for the charge pump.
43
VCC
Power supply voltage input.
54
DO
O
Charge pump output.
Phase of the charge pump can be selected via programming of the FC bit.
6
5
GND
Ground.
7
6
Xfin
I
Prescaler complementary input, which should be grounded via a capacitor.
87
fin
I
Prescaler input.
Connection to an external VCO should be done via AC coupling.
98
Clock
I
Clock input for the 19-bit shift register.
Data is shifted into the shift register on the rising edge of the clock.
(Open is prohibited.)
10
9
Data
I
Serial data input using binary code.
The last bit of the data is a control bit. (Open is prohibited.)
11
10
LE
I
Load enable signal input. (Open is prohibited.)
When LE is set high, the data in the shift register is transferred to a latch
according to the control bit in the serial data.
12
11
PS
I
Power saving mode control. This pin must be set at “L” at Power-ON.
(Open is prohibited.)
PS = “H”; Normal mode
PS = “L”; Power saving mode
13
12
N.C.
No connection.
14
13
LD/fout
O
Lock detect signal output (LD)/phase comparator monitoring output (fout).
The output signal is selected via programming of the LDS bit.
LDS = “H”; outputs fout (fr/fp monitoring output)
LDS = “L”; outputs LD (“H” at locking, “L” at unlocking.)
15
14
N.C.
No connection.
16
15
N.C.
No connection.


Similar Part No. - MB15E07SRPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SLPFV1 FUJITSU-MB15E07SLPFV1 Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SLPV1 FUJITSU-MB15E07SLPV1 Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
More results

Similar Description - MB15E07SRPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com