Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2100 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS2100
Description  Rail-to-Rail Output Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS2100 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS2100 Datasheet HTML 1Page - MOSA ELECTRONICS MS2100 Datasheet HTML 2Page - MOSA ELECTRONICS MS2100 Datasheet HTML 3Page - MOSA ELECTRONICS MS2100 Datasheet HTML 4Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOSA
MS2100
High Slew Rate Dual Operational Amplifiers
REV1
3
www.mosanalog.com.tw
2.7V AC ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, VCM=VO= VDD/2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SR
Slew rate
-
5
-
V/
µs
GBWP Gain bandwidth product
-
11
-
MHz
(THD+N)
/S
Total harmonic distortion
plus noise
f = 1kHz, Av = -1
RL > 10k, Vin = 2Vpp
-
-72
-65
dB
APPLICATION INFORMATION
(Single Supply)
Voltage Follower
Vin
Vout
C1
V
DD
10k
10k
Vout = Vin
Difference Amplifier
R1
V1
Vout
R2
R4
R1=R3, R2=R4
Vout = (R2/R1)(V2-V1)+V
DD/2
R3
V2
V
DD/2
C1
C2
Inverting Amplifier
R1
Vin
Vout
R2
R4
C1
R3
V
DD
DC
Gain = -(R2/R1)
Simple High-Pass Filter
Vin
Vout
DC
Gain = 1
f
C = 1/(2πR1C1)
V
DD/2
C1
R1
Simple Low-Pass Filter
R1
Vin
Vout
R2
R4
C1
R3
V
DD
C2
DC
Gain = -(R2/R1)
f
C = 1/(2πR2C2)
2nd Order Multiple Feedback
Low-Pass Filter
Vin
Vout
R2
Cu
C2
R3
R1
V
DD/2
C1


Similar Part No. - MS2100

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100GTR MOSA-MS2100GTR Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100GU MOSA-MS2100GU Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
More results

Similar Description - MS2100

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com