Electronic Components Datasheet Search |
|
MS6308TR Datasheet(PDF) 6 Page - MOSA ELECTRONICS |
|
MS6308TR Datasheet(HTML) 6 Page - MOSA ELECTRONICS |
6 / 9 page MOSA MS6308 Class AB Stereo Headphone Driver REV 1 6 www.mosanalog.com.tw MP3 digital to analog converting solution. Fig.4, Fig5 0.1uF BCK WS DATA GND VoR CAP VoL V DD MS6313 1 2 3 45 6 7 8 47uF MS6308 1 2 3 DAC Headphone Driver 20k 470pF 50k 50k 10uF V RE F 15k 15k 20k 470pF 0.1uF 7 5 6 47uF 10uF MP3 DECODER 1.2V P-P 1.6V P-P Headphone (32Ω) PHONE JACK SUNPLUS SPCA751 STMicroelectronics STA013 AV DD 10Ω Supply 47uF 0.1uF 3V Fig.4 A first order lowpass filter for DAC output with MS6313 0.1uF BCK WS DATA GND VoR CAP VoL V DD MS6323 1 2 3 45 6 7 8 47uF MS6308 1 2 3 DAC Headphone Driver 20k 470pF 50k 50k 10uF V RE F 20k 20k 20k 470pF 0.1uF 7 5 6 47uF 1uF MP3 DECODER 1.65V PP 1.65V PP Headphone (32Ω) PHONE JACK SUNPLUS SPCA751 STMicroelectronics STA013 AV DD 10Ω Supply 47uF 0.1uF 3.3V Fig.5 A first order lowpass filter for DAC output with MS6323 |
Similar Part No. - MS6308TR |
|
Similar Description - MS6308TR |