Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6266GTR Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6266GTR
Description  6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266GTR Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6266GTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 10Page - MOSA ELECTRONICS MS6266GTR Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV1
8
www.mosanalog.com.tw
Data bytes description
Function bits
MSB
LSB
Function
1
1
1
0
A3
A2
A1
A0
6 channels, -1dB/step
1
1
0
1
B3
B2
B1
B0
6 channels, -10dB/step or +2dB/step
0
0
0
1
A3
A2
A1
A0
Channel 3, -1dB/step
0
0
0
0
B3
B2
B1
B0
Channel 3, -10dB/step or +2dB/step
0
0
1
1
A3
A2
A1
A0
Channel 4, -1dB/step
0
0
1
0
B3
B2
B1
B0
Channel 4, -10dB/step or +2dB/step
0
1
0
1
A3
A2
A1
A0
Channel 2, -1dB/step
0
1
0
0
B3
B2
B1
B0
Channel 2, -10dB/step or +2dB/step
0
1
1
1
A3
A2
A1
A0
Channel 5, -1dB/step
0
1
1
0
B3
B2
B1
B0
Channel 5, -10dB/step or +2dB/step
1
0
0
1
A3
A2
A1
A0
Channel 1, -1dB/step
1
0
0
0
B3
B2
B1
B0
Channel 1, -10dB/step or +2dB/step
1
0
1
1
A3
A2
A1
A0
Channel 6, -1dB/step
1
0
1
0
B3
B2
B1
B0
Channel 6, -10dB/step or +2dB/step
0
0
0
1
Power off preparation (pop noise free)
1
0
0
1
6 channels, mute On
1
1
1
1
1
0
0
0
6 channels, mute Off
Gain / Attenuation bits
A3
A2
A1
A0
Gain / Attenuation value (dB)
B3
B2
B1
B0
A
B
0
0
0
0
0
0
0
0
0
1
-1
-10
0
0
1
0
-2
-20
0
0
1
1
-3
-30
0
1
0
0
-4
-40
0
1
0
1
-5
-50
0
1
1
0
-6
-60
0
1
1
1
-7
-70
1
0
0
0
-8
+2
1
0
0
1
-9
+4
1
0
1
0
-
+6
1
0
1
1
-
+8
1
1
0
0
-
+10
1
1
0
1
-
+12
1
1
1
0
-
+14
1
1
1
1
-
+16
1. Where Ax=-1dB/step, Bx=-10dB/step or +2dB/step, -10dB and +2dB should not be loaded at the same time.
2. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power on.
3. The output will drop down to ground gradually when enable power off preparation.
4. Odd gain 2N-1= N*(+2dB/step) + (-1dB), where N = 1~8. Please reference to examples.


Similar Part No. - MS6266GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6266GTR MOSA-MS6266GTR Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
More results

Similar Description - MS6266GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
   6 CHANNEL VOLUME CONTROLLER
TDA7448 STMICROELECTRONICS-TDA7448_04 Datasheet
382Kb / 14P
   6 CHANNEL VOLUME CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com