Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6333TR Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6333TR
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333TR Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6333TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 8Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 9Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 10Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 11Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV1
8
www.mosanalog.com
POWER DOWN AND MUTE FUNCTION
A microcontroller or microprocessor control power and mute function timing on MS6333 is shown in Figure 3. It
could prevent pop noise effectively when power on and power off. The signals of power down function (pin5) and mute
function (pin13) are ignored during initial time 350ms when power on. It is better to control mute function after 1sec.
The sequence is mute on and then power down when power off.
PD
VTM
POWER
350ms
1sec
Voutput
>0sec
Power on:
Delay >350msec from power on to mute off.
Power off:
Delay >0sec from mute on to power off.
Fig.3
Power and mute function timing.
APPLICATION INFORMATION
Basic application example
A typical example of an MP3-application with the MS6333 is shown in Fig.4.
Power voltage of digital and analog can be used single supply voltage.
AVSS
DVDD
DGND
HP VDD
AVDD
BCK
WS
DATA
MUTE
100K
1uF
2.2uF
300K
PD
Headphone
Headphone
CF
VOR-IN
RF
47uF
32Ω
VOR-OUT
CF
VOL-IN
RF
47uF
32Ω
VOL-OUT
CAP
Decoder
Supply
2.7~5.5V
0.1uF
100uF
HP VSS
0.1uF
0.1uF
MCU
MS6333
Note :
Vo=0.023663*RF*VDD Vpp
RF//CF to decide –3dB point
VTM: Mute control voltage
For VDD=3V, RL=32, RF =24k, CF =390pF, Vo=1.7Vpp
RL=16, RF =22k, CF =470pF, Vo=1.56Vpp
Fig.4
MP3 Basic application circuit.


Similar Part No. - MS6333TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6333TR MOSA-MS6333TR Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
More results

Similar Description - MS6333TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6332 MOSA-MS6332 Datasheet
238Kb / 7P
   16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
MS6332 MOSA-MS6332_1 Datasheet
247Kb / 9P
   16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
MS6330 MOSA-MS6330 Datasheet
449Kb / 11P
   16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6323 MOSA-MS6323 Datasheet
231Kb / 9P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323 MOSA-MS6323_1 Datasheet
309Kb / 11P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6610 MOSA-MS6610_1 Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6324 MOSA-MS6324_26 Datasheet
603Kb / 13P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com