Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6610 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6610
Description  Stereo Audio DAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6610 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6610 Datasheet HTML 1Page - MOSA ELECTRONICS MS6610 Datasheet HTML 2Page - MOSA ELECTRONICS MS6610 Datasheet HTML 3Page - MOSA ELECTRONICS MS6610 Datasheet HTML 4Page - MOSA ELECTRONICS MS6610 Datasheet HTML 5Page - MOSA ELECTRONICS MS6610 Datasheet HTML 6Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOSA ELECTRONICS
MS6610
Stereo Audio DAC
- 3 -
www.mosanalog.com.tw
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Positive Supply Voltage
2.7
5
5.5
V
I DD
Operating Current
at code 0000H
-
3
5
mA
PSSR
Power Ripple Rejection Ratio
-
30
dB
DIGITAL INPUTS (WS, BCK, DATA)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f BCK
Input Clock Frequency
18.4
MHz
BR
Bit Rate Data Input (Pin 3)
18.4
Mbits/s
FWS
Word Select Input (Pin 2)
384
kHz
t r
Rise Time
12
ns
t f
Fall Time
12
ns
t Cr
Bit Clock Cycle Time
54
ns
t HB
Bit Clock High Time
15
ns
t LB
Bit Clock Low Time
15
ns
t SD
Data Set-up Time
12
ns
t HD
Data Hold Time to Bit Clock
2
ns
t HW
Word Select Hold Time
2
ns
t SW
Word Select Set-up Time
12
ns
ANALOG INPUT (Iref)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Rref
Reference Resistor (Fig.1)
7.4
11.0
14.6
K 
ANALOG OUTPUT (IOL, IOR)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Res
Resolution
16
bits
VDCC
DC output Voltage Compliance
2.0
VDD-1
V
I FS
Full Scale Output Current
I FS = 0.2VDD
0.9
1.0
1.1
mA
TCFS
Full Scale Temperature Coefficient at
Analog Outputs ;
I OL, I OR
±400
10
-16
Ptot
Total Power Dissipation
at code 0000H
15
mW
I bias
Bias Current (adjustable)
643
714
785
µA
THD
Total Harmonic Distortion
including noise
-85
-78
dB
at 0 dB
0.005
0.01
THD
Total Harmonic Distortion
including noise
-30
-24
dB
at -60 dB
3
6
S/N
Signal-to-Noise Ratio
a-weighted at code
0000H
92
dB
CS
Channel Separation
95
dB


Similar Part No. - MS6610

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6610BSGTR MOSA-MS6610BSGTR Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6610BSGU MOSA-MS6610BSGU Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6610 MOSA-MS6610_1 Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
More results

Similar Description - MS6610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
logo
Texas Instruments
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com