Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6853TGTR Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6853TGTR
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853TGTR Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6853TGTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6853TGTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 1.1
3
www.mosanalog.com
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6
V
VESD
Electrostatic handling
3500
V
TSTG
Storage temperature range
-65 to 150
TA
Operating ambient temperature range
-40 to 85
TJ
Maximum junction temperature
150
TS
Soldering temperature, 10 seconds
260
RTHJA
Thermal resistance from junction to ambient in free air
MSOP10 (enhance thermal pad)
TSSOP14
50
150
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.7
5
5.5
V
5V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=5V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BTL Mode, VIN=0V, IO=0A
-
2.4
-
mA
IQ
Quiescent current
SE Mode, VIN=0V, IO=0A
-
1.6
-
mA
ISD
Shutdown current
SD Mode, VSD=VDD
18
uA
VSDH
Shutdown input voltage high
2.0
-
-
V
VSDL
Shutdown input voltage low
-
-
0.8
V
CS
Channel separation
SE Mode, RL=32Ω
100
110
-
dB
BTL Mode , RL=8Ω
CBP=1uF, f=100Hz
-
73
-
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CBP =10uF, f=100Hz
-
64
-
dB
-
-73
-68
dB
THD+N
Total harmonic distortion plus
noise
SE mode, RL=32Ω, 60mW
-
0.022
0.04
%
S/N
Signal-to-noise ratio
SE mode, A-weighting
90
95
-
dB
BTL Mode, RL = 3Ω
THD+N = 1%
-
2.1
-
W
BTL Mode, RL = 4Ω
THD+N = 1%
-
1.9
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
1.2
-
W
SE Mode, RL =8Ω
THD+N = 1%
-
300m
-
W
Po
Output power
SE Mode, RL = 32Ω
THD+N = 1%
-
90m
-
W


Similar Part No. - MS6853TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6853TGTR MOSA-MS6853TGTR Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
More results

Similar Description - MS6853TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
logo
Rohm
BD7836EFV ROHM-BD7836EFV Datasheet
565Kb / 17P
   1.9W1.9W Stereo Speaker Amplifier
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
logo
List of Unclassifed Man...
ILA7050 ETC-ILA7050 Datasheet
104Kb / 2P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7050T PHILIPS-TDA7050T Datasheet
54Kb / 9P
   Low voltage mono/stereo power amplifier
July 1994
logo
KODENSHI_AUK CORP.
KKA7050 KODENSHI-KKA7050 Datasheet
120Kb / 3P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com