Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62714SL Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62714SL
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62714SL Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62714SL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62714SL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62714SL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M6270X,M6271X,
M6272X,M6273X,M6274XML/SL
(
/ 3 )
980710
MITSUBISHI STANDARD LINEAER IC
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
FEATURES
1
M6272X,M6273X,M6274XML/SL
(Built-in Load:X=2.4.6.8)
(Open Collector:X=3.5.7.9)
+
-
1.25V
R1
R2
25µA
TYP.
OUTPUT
GND
SUPPLY VOLTAGE
3
1
2
"L" RESET TYPE
COUNTER
OSC
+
-
1.25V
R1
R2
GND
1
2
"L" RESET TYPE
OUTPUT
3
GND
+
-
1.25V
R1
R2
OUTPUT
SUPPLY VOLTAGE
C
3
1
2
"L" RESET TYPE
25µA
TYP.
25µA
TYP
M6270XML/SL
(Built-in Load:M62702,4,6,8)
(Open Collector:M62703,5,7,9)
• Detecting Voltage M627X2,M627X3 …… 2.87V
M627X4,M627X5 …… 2.58V
M627X6,M627X7 …… 2.39V
M627X8,M627X9 …… 1.72V
• Hysterisis Voltage ………………………… 80mV
• Delay Time
M6270X …………
0sec
M6271X ………… 200 µsec
M6272X ………… 50msec
M6273X ………… 100msec
M6274X ………… 200msec
GENERAL DESCRIPTION
The M627XXML/SL is a voltage threshold detector designed
for detection of a supply voltage and generation of a system
reset pulse for almost all logic circuits such as
microprocessor.
It also has extensive applications including battery checking,
level detecting and waveform shaping circuits.
PIN CONFIGURATION (TOP VIEW) ex. M62724
This product is on during the development, and there
is a case rescheduling it future technical standard.
(1) (2) (3)
Outline TO-92L
3
2
1
OUTPUT
GND
SUPPLY
VOLTAGE
(1) SUPPLY
VOLTAGE
(2) GND
(3) OUTPUT
Outline SOT-89
• Few external parts
• Low threshold operating voltage (Supply voltage to keep
low-state at low supply voltage)
0.65V(TYP.) at RL=22k
• Wide supply voltage range
………… 1.5V to 7.0V
• Sudden change in power supply has minimal effect on the ICs
• Extra small 3-pin package (3-pin FLAT)
• Built-in long delay time
APPLICATION
• Reset pulse generation for almost all logic circuits
• Battery checking, level detecting, waveform shaping circuits
• Delayed waveform generator
• Switching circuit to a back-up power supply
• DC/DC converter
• Over voltage protection circuit
RECOMMENDED OPERATING CONDITION
• Supply voltage range
………… 1.5V to 7.0V
BLOCK DIAGRAM
SUPPLY VOLTAGE
M6271XML/SL
(Built-in Load:M62712,4,6,8)
(Open Collector:M62713,5,7,9)


Similar Part No. - M62714SL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62714SL MITSUBISHI-M62714SL Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results

Similar Description - M62714SL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com