Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV200-27015D-XXX Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DV200-27015D-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DV200-27015D-XXX Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DV200-27015D-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DV200-27015D-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DV200-27000D Series
15007DSC
11314 4th Avenue
West, Suite 206
Everett, WA 98204
http://www.vpt-inc.com
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vpt-inc.com
1
HIGH RELIABILITY
DC-DC CONVERTERS
DESCRIPTION
The DV200 series of high reliability, isolated DC-DC
converters is operable over a wide (-55 °C to +100
°C) temperature range with no power derating.
Unique to the DV200 series is a magnetic feedback
circuit that is radiation immune. Operating at a
nominal fixed frequency of 500 kHz, these regulated,
isolated units utilize well-controlled undervoltage
lockout circuitry to eliminate slow start-up problems.
The output voltage is trimmable up to +10% or down
–20%.
These converters are designed and manufactured in
a facility qualified to ISO9001 and certified to MIL-
PRF-38534 and MIL-STD-883.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
• High Reliability
• Output Voltage Trim Up +10% or Down –20%
• Wide Input Voltage Range: 160 to 400 Volts
• Up to 175 Watts Output Power
• Up to 70% of Rated Output Power is Available
for Each Output
• Radiation Immune Magnetic Feedback Circuit
• NO Use of Optoisolators
• Undervoltage Lockout
• Current Limit / Short Circuit Protection
• Input Transient Voltage: 500 Volts for 1 second
• High Power Density: ≈ 70 W/in3
• Custom Versions Available
• Additional Environmental Screening Available
Figure 1 – DV200-27000D DC-DC Converter
(Not To Scale)


Similar Part No. - DV200-27015D-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-27015D VPT-DV200-27015D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV200-27015D-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVST2800T DELTA-DVST2800T Datasheet
260Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com