Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA11CSQ48D Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CTA11CSQ48D
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA11CSQ48D Datasheet(HTML) 2 Page - CIT Relay & Switch

  CTA11CSQ48D Datasheet HTML 1Page - CIT Relay & Switch CTA11CSQ48D Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com
Tel: 630-682-1542
Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA1
CTA1
2.Contact Arrangement:
1A=SPST N.O.
1C=SPDT
1A
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Termination:
P = PCB Pins
Q = Quick Connect
Q
5. Coil Voltage:
6VDC
12VDC
24VDC
48VDC
12
6. Coil Power:
1.2 = 1.2W
1.5 = 1.5W
1.2
7. Coil Suppression:
Blank = Standard
D = Diode (1N4005)
R = Resistor (680 Ohms)
** Consult factory if other values
are needed.
DIMENSIONS (Units = mm)
PC PIN DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUT (BOTTOM VIEWS)
1A
1C
CTA1


Similar Part No. - CTA11CSQ48D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA11CSQ481.2 ETC1-CTA11CSQ481.2 Datasheet
154Kb / 2P
   Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
CTA11CSQ481.2D ETC1-CTA11CSQ481.2D Datasheet
154Kb / 2P
   Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
CTA11CSQ481.2R ETC1-CTA11CSQ481.2R Datasheet
154Kb / 2P
   Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
CTA11CSQ481.5 ETC1-CTA11CSQ481.5 Datasheet
154Kb / 2P
   Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
CTA11CSQ481.5D ETC1-CTA11CSQ481.5D Datasheet
154Kb / 2P
   Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
More results

Similar Description - CTA11CSQ48D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com