Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVME28DL-XXX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DVME28DL-XXX
Description  HIGH RELIABILITY HYBRID EMI FILTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVME28DL-XXX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DVME28DL-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVME28DL-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DVME28 Series
1X016DSF
11
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Notes:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product shipment.
2.
PIND test Certificate of Compliance included in product shipment.
3.
Radiographic test Certificate of Compliance and film(s) included in product shipment.
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Class H
/H
Class K
/K
Non-
Destructive
Bond Pull
N/A – Products do not contain
Wirebonds
N/A
N/A
N/A
N/A
N/A
Internal
Visual
Method 2017, 2032
Internal Procedure
Temperature
Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
Constant
Acceleration
Method 2001, 3000g, Y1 Direction
Method 2001, 500g, Y1 Direction
PIND
Method 2020, Condition A
2
Pre Burn-In
Electrical
100% at 25°C
Burn-In
Method 1015, 320 hours at +125°C
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
Final
Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
Radiography
Method 2012
3
External
Visual
Method 2009


Similar Part No. - DVME28DL-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLES VPT-DVME28FDLES Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLH VPT-DVME28FDLH Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLHB VPT-DVME28FDLHB Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLK VPT-DVME28FDLK Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results

Similar Description - DVME28DL-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 ETC-DVMC28 Datasheet
394Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com