Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CITR212Q2GS Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CITR212Q2GS
Description  CIRCUIT BREAKER WITH ON/OFF CAPABILITY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CITR212Q2GS Datasheet(HTML) 2 Page - CIT Relay & Switch

  CITR212Q2GS Datasheet HTML 1Page - CIT Relay & Switch CITR212Q2GS Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CITR2
DIMENSIONS
Q1
Q2
RP
SCHMATICS, PC LAYOUT, & PANEL MOUNTING
WITHOUT LAMP
THICKNESS
DIM “A”
0.8 ~ 1.0
28.4
+.1 / -.0
1.1 ~ 1.4
28.8
+.1 / -.0
WITH LAMP
125VAC NEON, 25K HOURS, 68K
Ω Res.
1.5
29.0
+.1 / -.0


Similar Part No. - CITR212Q2GS

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIT2211 CANOPUS-CIT2211 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2211H35TP CANOPUS-CIT2211H35TP Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2305 CANOPUS-CIT2305 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2305F50BW CANOPUS-CIT2305F50BW Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2411 CANOPUS-CIT2411 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
More results

Similar Description - CITR212Q2GS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T12-122 SCHURTER-T12-122 Datasheet
449Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Manual ON/OFF, Screw terminals
logo
Mitsubishi Electric Sem...
M5232L MITSUBISHI-M5232L Datasheet
385Kb / 6P
   VOLTAGE DETECTOR/ON-OFF ALARM CIRCUIT
logo
Schurter Inc.
T12-222 SCHURTER-T12-222 Datasheet
448Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Manual ON/OFF, Screw terminals
T12-121 SCHURTER-T12-121 Datasheet
464Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Manual ON/OFF, Quick connect terminals
T12-221 SCHURTER-T12-221 Datasheet
459Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Manual ON/OFF, Quick connect terminals
logo
NTE Electronics
NTE7128 NTE-NTE7128 Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Schneider Electric
S33996 SCHNEIDER-S33996 Datasheet
92Kb / 2P
   R-FRAME CIRCUIT BREAKER TOGGLE PADLOCK ATTACHMENT OFF-ONLY
logo
TOKO, Inc
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com