Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVFL285R2SRUL-XXX Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DVFL285R2SRUL-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVFL285R2SRUL-XXX Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DVFL285R2SRUL-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVFL285R2SRUL-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DVFL2800S Series
1X010DSF
4
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
40 VDC
Junction Temperature Rise to Case
+15°C
Input Voltage (Transient, 1 second)
50 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
120 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
41 Watts
Weight (Maximum) (No Pin Extensions)
86 Grams
DVFL2812S
DVFL2815S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
16
28
40
16
28
40
V
INPUT
Voltage
4
Transient, 1 sec
-
-
50
-
-
50
V
Inhibited 1
-
-
6
-
-
6
mA
Inhibited 2
-
-
70
-
-
70
mA
Current
No Load
-
-
120
-
-
120
mA
Ripple Current
Full Load, 20Hz to 10MHz
-
-
80
-
-
80
mAp-p
INH1 Pin Input
4
0
-
1.5
0
-
1.5
V
INH2 Pin Input
4
0
-
1.0
0
-
1.0
V
INH1 Pin Open Circuit Voltage
4
10.5
-
13.5
10.5
-
13.5
V
INH2 Pin Open Circuit Voltage
4
5.0
-
8.0
5.0
-
8.0
V
UVLO Turn On
14.5
-
16.0
14.5
-
16.0
V
UVLO Turn Off
4
14.0
-
15.5
14.0
-
15.5
V
VOUT
TCASE = 25°C
11.88
12.00
12.12
14.85
15.00
15.15
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +125°C
11.82
12.00
12.18
14.775
15.00
15.225
V
Power
-
-
110
-
-
120
W
Current
VOUT
-
-
9.2
-
-
8.0
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
-
-
80
-
-
80
mVp-p
Line Regulation
VOUT
VIN = 16V to 40V
-
-
20
-
-
20
mV
Load Regulation
VOUT
No Load to Full Load
-
-
120
-
-
120
mV
Voltage Trim
4
VOUT
Full Load
-20
-
10
-20
-
10
%
Share Pin Voltage
4
2.0
-
3.0
2.0
-
3.0
V
EFFICIENCY
79
-
-
80
-
-
%
Overload
4
-
-
80
-
-
80
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
80
-
-
80
W
CAPACITIVE LOAD
4
-
-
500
-
-
500
µF
SWITCHING FREQUENCY
425
500
600
425
500
600
kHz
SYNC FREQUENCY RANGE
VH – VL = 5V
Duty Cycle = 20% - 80%
500
-
600
500
-
600
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
400
-
-
400
-
kHrs
Notes:
1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.


Similar Part No. - DVFL285R2SRUL-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
VPT, Inc.
DVFL2800D VPT-DVFL2800D Datasheet
590Kb / 28P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S VPT-DVFL2800S Datasheet
1Mb / 31P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2805D VPT-DVFL2805D Datasheet
590Kb / 28P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVFL2805D-XXX DELTA-DVFL2805D-XXX Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVFL285R2SRUL-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com