Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2272AG1C2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TMC2272AG1C2
Description  Digital Colorspace Converter 36 Bit Color, 50 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2272AG1C2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TMC2272AG1C2 Datasheet HTML 1Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 2Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 3Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 4Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 5Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 6Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 7Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 8Page - Fairchild Semiconductor TMC2272AG1C2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.fairchildsemi.com
REV. 1.1.3 10/25/00
Features
• 50 MHz (20ns) pipelined throughput
• 3 Simultaneous 12-bit input and output channels
(64 Giga {236} colors)
• Two's complement inputs and outputs
• Overflow headroom available in lower resolution
• 10-bit user-defined coefficients
• TTL compatible input and output signals
• Full precision internal calculation
• Output rounding
• On-board coefficient memory
• Submicron CMOS process
Applications
• Translation between component color standards (RGB,
YIQ, YUV, etc.)
• Broadcast composite color encoding and decoding (all
standards)
• Broadcast composite color standards conversion and
transcoding
• Camera tube and monitor phosphor colorimetry
correction
• White balancing and color-temperature conversion
• Image capture, processing and storage
• Color matching between systems, cameras and monitors
• Three-dimensional perspective translation
Description
A 50-MHz, three-channel, 36 bit (three 12-bit components)
colorspace converter and color corrector, the TMC2272A
uses 9 parallel multipliers to process high-resolution imagery
in real time.
The TMC2272A also operates at any slower clock rate and
with any smaller data path width, allowing it to handle all
broadcast and consumer camera, frame-grabber, encoder/
decoder, recorder and monitor applications as well as most
electronic imaging applications.
A complete set of three 12-bit samples is processed on every
clock cycle, with a five-cycle pipeline latency. Full 23-bit
(for each of three components) internal precision is provided
with 10-bit user-defined coefficients. The coefficients may be
varied dynamically, with three new coefficients loaded every
clock cycle. (The full set of nine can be replaced in three clock
cycles.) Rounding to 12 bits per component is performed only
at the final output. This allows full accuracy with correct
rounding and overflow headroom for applications that require
less than 12 bits per component.
The TMC2272A is fabricated in a submicron CMOS process
and performance is guaranteed over the full operating tem-
perature range. It is available in a 120-pin Plastic Pin Grid
Array (PPGA) package, 120-pin Ceramic Pin Grid Array
(CPGA), 120-pin MQFP to PGA package, and 120-pin
Plastic Quad FlatPack (PQFP) in three speed grades.
Logic Symbol
A11-0
B11-0
C11-0
X11-0
Y11-0
Z11-0
KA11-0
KB11-0
KC11-0
CSEL1-0
CLK
TMC2272A
Colorspace Converter
TMC2272A
Digital Colorspace Converter
36 Bit Color, 50 MHz


Similar Part No. - TMC2272AG1C2

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2202-WA TRINAMIC-TMC2202-WA Datasheet
2Mb / 81P
   POWER DRIVER FOR STEPPER MOTORS
logo
Fairchild Semiconductor
TMC22051AKHC FAIRCHILD-TMC22051AKHC Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Cadeka Microcircuits LL...
TMC22051AKHC CADEKA-TMC22051AKHC Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Fairchild Semiconductor
TMC22052AKHC FAIRCHILD-TMC22052AKHC Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Cadeka Microcircuits LL...
TMC22052AKHC CADEKA-TMC22052AKHC Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC2272AG1C2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
logo
LOGIC Devices Incorpora...
LF2272 LODEV-LF2272 Datasheet
249Kb / 9P
   Colorspace Converter/Corrector (3 x 12-bits)
logo
DATEL, Inc.
5962-9475701HXC-14 DATEL-5962-9475701HXC-14 Datasheet
165Kb / 1P
   14-Bit, 1 MHz Analog to Digital Converter
5962-9475701HXA-14 DATEL-5962-9475701HXA-14 Datasheet
165Kb / 1P
   14-Bit, 1 MHz Analog to Digital Converter
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com