Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVST281R8125T-XXX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DVST281R8125T-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST281R8125T-XXX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DVST281R8125T-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVST281R8125T-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DVST2800T Series
90054DSD
9
EMI PERFORMANCE CURVES
(TCASE = +25°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
Figure 10
MIL-STD-461C CE03 Conducted Emissions
Figure 11
MIL-STD-461D CE102 Conducted Emissions
ENVIRONMENTAL QUALIFICATION
Description
MIL-STD-883
MIL-STD-202
Test Condition
Temperature Cycling
1010
102A
-55°C to +100°C, 100 cycles
Constant Acceleration
2001
212A
500g, 1min.
Mechanical Shock
2002 Cond. A
213B Cond. D
500g, 1ms
Random Vibration
2026 Cond. D
214A Cond. D
11.6G RMS, operating
Moisture Resistance
1004
106F
10 days
Barometric Pressure
1001 Cond. D
105C Cond. C
70,000 ft, operating
Salt Atmosphere
1009 Cond. B
101D Cond. B
48 hrs.
Resistance to Solvents
2015
215J
Solderability
2003
208H


Similar Part No. - DVST281R8125T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST281R8125TML VPT-DVST281R8125TML Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST281R8125T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com