Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVTR2812DFR-XXX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVTR2812DFR-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVTR2812DFR-XXX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVTR2812DFR-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVTR2812DFR-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DVTR2800D Series
1X008DSF
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load
5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+15°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
40 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
13 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(49 / 52) Grams
DVTR2805D
DVTR2812D
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
15
28
50
15
28
50
V
INPUT
Voltage
4
Transient, 1 sec
-
-
80
-
-
80
V
Inhibited
-
-
6
-
-
6
mA
Current
No Load
-
-
90
-
-
90
mA
Ripple Current
Full Load
5, 20Hz to 10MHz
-
-
50
-
-
50
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
9.0
11.0
13.0
9.0
11.0
13.0
V
UVLO Turn On
12.0
-
14.8
12.0
-
14.8
V
UVLO Turn Off
4
11.0
-
14.5
11.0
-
14.5
V
+VOUT
TCASE = 25°C
4.95
5.0
5.05
11.88
12.0
12.12
V
+VOUT
TCASE = -55°C to +125°C
4.925
5.0
5.075
11.82
12.0
12.18
V
-VOUT
TCASE = 25°C
4.80
5.0
5.20
11.80
12.0
12.20
V
OUTPUT
Voltage
5
-VOUT
TCASE = -55°C to +125°C
4.70
5.0
5.30
11.64
12.0
12.36
V
Total
0
-
30
0
-
40
W
Power
3,6
±VOUT
Either Output
0
-
21
0
-
28
W
Current
3,6
±VOUT
Either Output
0
-
4.2
0
-
2.33
A
Ripple Voltage
±VOUT
Full Load
5, 20Hz to 10MHz
-
-
60
-
-
50
mVp-p
+VOUT
VIN = 16V to 40V
-
-
20
-
-
20
mV
Line Regulation
-VOUT
VIN = 16V to 40V
-
-
200
-
-
200
mV
+VOUT
No Load to Full Load
5
-
-
50
-
-
50
mV
Load Regulation
-VOUT
No Load to Full Load
5,7
-
-
200
-
-
200
mV
Cross Regulation
-VOUT
+Load 70%, -Load 30%
+Load 30%, -Load 70%
-
-
650
-
-
650
mV
EFFICIENCY
Full Load
5
73
-
-
78
-
-
%
Overload
4
-
-
16
-
-
14
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
16
-
-
14
W
CAPACITIVE LOAD
4
Either Output
-
-
500
-
-
500
µF
SWITCHING FREQUENCY
400
450
550
400
450
550
kHz
SYNC FREQUENCY RANGE
VH – VL = 5V, DC = 20-80%
500
-
600
500
-
600
kHz
ISOLATION
500 VDC, TCASE = 25°C
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
413
-
-
413
-
kHrs
See notes next page.


Similar Part No. - DVTR2812DFR-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVTR2812DFES VPT-DVTR2812DFES Datasheet
693Kb / 20P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2812DFH VPT-DVTR2812DFH Datasheet
693Kb / 20P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2812DFK VPT-DVTR2812DFK Datasheet
693Kb / 20P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVTR2812DFR-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com