Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G670 Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G670
Description  Microprocessor Reset IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G670 Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G670 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G670 Datasheet HTML 13Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Ver: 1.5
Dec 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G670/G671
Global Mixed-mode Technology Inc.
Pin Description
NAME
FUNCTION
GND
Ground
(G671L/G670L)
RESET
Output remains low while VCC is below the reset threshold, and for at most 2ms after VCC rises
above the reset threshold.
RESET
(G670H)
RESET Output remains high while VCC is below the reset threshold, and for at most 2ms after VCC rises
above the reset threshold.
VCC
Supply Voltage (+5V, +3.3V, +3.0V)
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The G671L/G670L/G670H assert reset to
prevent
code-execution
errors
during
power-up,
power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
most 2ms after VCC has risen above the reset thresh-
old. The G671L uses an open-drain output, and the
G670L/G670H have a push-pull output stage. Connect
a pull-up resistor on the G671L’s RESET output to any
supply between 0 and 5.5V.
Figure 1. Maximum Transient Duration Without
Causing a Reset Pulse vs. Reset Com-
parator Overdrive
Figure 2. RESET Valid to VCC = Ground Circuit
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the G671L/
G670H/G670L are relatively immune to short- duration
negative-going VCC transients (glitches).
Figure 1 shows typical transient duration vs. reset
comparator overdrive, for which the G671L/G670H/
G670L do not generate a reset pulse. The graph was
generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and
ending below it by the magnitude indicated (reset
comparator overdrive). The graph indicates the maxi-
mum pulse width a negative-going VCC transient can
have without causing a reset pulse. As the magnitude
of the transient increases (goes farther below the reset
threshold), the maximum allowable pulse width de-
creases. Typically, for the G67_ _463 and G67_ _438,
a VCC transient that goes 100mV below the reset
threshold and lasts 7µs or less will not cause a reset
pulse. A 0.1µF bypass capacitor mounted as close as
possible to the VCC pin provides additional transient
immunity.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 1V, the G670 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC
below 1V. However, in applications where RESET
must be valid down to 0V, adding a pull-down resistor
to RESET causes any stray leakage currents to flow
to ground, holding RESET low (Figure 2). R1’s value
is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the G671L if RESET is required to remain valid
for VCC < 1V.
0
100
200
300
400
500
600
1
10
100
1000
Res et Com parator Overdrive, V
TH - V CC (m V )
G67_ _ 308/293/263
G67_ _ 463/438/400
V
CC
RESET
GND
G670
R1
100k
V
CC
RESET
GND
G670
R1
100k


Similar Part No. - G670

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G670 GMT-G670_15 Datasheet
37Kb / 1P
   Microprocessor Reset IC
More results

Similar Description - G670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com