Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX29F160-70RTCI Datasheet(PDF) 2 Page - Excel Semiconductor Inc.

Part # EX29F160-70RTCI
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

EX29F160-70RTCI Datasheet(HTML) 2 Page - Excel Semiconductor Inc.

  EX29F160-70RTCI Datasheet HTML 1Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 2Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 3Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 4Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 5Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 6Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 7Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 8Page - Excel Semiconductor Inc. EX29F160-70RTCI Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
ES I
ES I
2
Rev. 0E May 25, 2006
ES29DL320
Excel Semiconductor inc.
ADVANCED INFORMATION
The ES29DL320 is a 32 megabit, 3.0 volt-only flash
memory device, organized as 4M x 8 bits (Byte
mode) or 2M x 16 bits (Word mode) which is config-
urable by BYTE#. Eight boot sectors and sixty three
main sectors with uniform size are provided : 8K
bytes x 8 and 64K bytes x 63. The device is manu-
factured with ESI’s proprietary, high performance
and highly reliable 0.18um CMOS flash technology.
The device can be programmed or erased in-sys-
tem with standard 3.0 Volt Vcc supply (2.7V-3.6V)
and can also be programmed in standard EPROM
programmers. The device offers minimum endur-
ance of 100,000 program/erase cycles and more
than 20 years of data retention.
The ES29DL320 offers access time as fast as
70ns or 90ns, allowing operation of high-speed
microprocessors without wait states. Three sepa-
rate control pins are provided to eliminate bus con-
tention : chip enable (CE#), write enable (WE#) and
output enable (OE#).
All program and erase operation are automatically
and internally performed and controlled by embed-
ded program/erase algorithms built in the device.
The device automatically generates and times the
necessary high-voltage pulses to be applied to the
cells, performs the verification, and counts the num-
ber of sequences. Some status bits (DQ7, DQ6 and
DQ5) read by data# polling or toggling between
consecutive read cycles provide to the users the
internal status of program/erase operation: whether
it is successfully done or still being progressed.
Extra Security Sector of 256 bytes
In the device, an extra security sector of 256 bytes
is provided to customers. This extra sector can be
used for various purposes such as storing ESN
(Electronic Serial Number) or customer’s security
codes. Once after the extra sector is written, it can
be permanently locked by the device manufacturer(
factory-locked) or a customer(customer-lockble).
At the same time, a lock indicator bit (DQ7) is per-
manently set to a 1 if the part is factory- locked, or
set to 0 if it is customer-lockable.
Therefore, this lock indicator bit (DQ7) can be prop-
erly used to avoid that any customer-lockable part is
used to replace a factory-locked part. The extra
security sector is an extra memory space for cus-
tomers when it is used as a customer-lockable ver-
sion. So, it can be read and written like any other
sectors. But it should be noted that the number of E/
W(Erase and Write) cycles is limited to 300 times
(maximum) only in the Security Sector.
Special services such as ESN and factory-locked
are available to customers ( ESI’s Special-Code
service ) The ES29DL320 is completely compatible
with the JEDEC standard command set of single
power supply Flash. Commands are written to the
internal command register using standard write tim-
ings of microprocessor and data can be read out
from the cell array in the device with the same way
as used in other EPROM or flash devices.
Simultaneous Read / Write Operation
The simultaneous read / write architecture provides
simultaneous operation by dividing the memory
space into multi-bank. Sector addresses are fixed,
system software can be used to form user-defined
bank groups.
During an erase / program operation, any of the non-
busy banks may be read from. Note that only two
banks can operate simultaneously. The device
allows a host system to program or erase in one
bank, then immediately and simultaneously read
from the other bank, with zero latency. This releases
the system from waiting for the completion of pro-
gram or erase operations.
The ES29DL320 can be organized as either a top or
bottom boot sector configuration.
GENERAL PRODUCT DESCRIPTION


Similar Part No. - EX29F160-70RTCI

ManufacturerPart #DatasheetDescription
logo
NEC
EX2 NEC-EX2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Pulse A Technitrol Comp...
EX2001 PULSE-EX2001 Datasheet
126Kb / 2P
   EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
EX2001 PULSE-EX2001 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
EX2001T PULSE-EX2001T Datasheet
126Kb / 2P
   EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
Thurlby Thandar Instrum...
EX2020R AIM-TTI-EX2020R Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
More results

Similar Description - EX29F160-70RTCI

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com