Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G218BR-D3 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G218BR-D3
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G218BR-D3 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G218BR-D3 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G218BR-D3 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver 1.4
Apr 07, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G218B
Global Mixed-mode Technology Inc.
Block Diagram (Figure 1)
DIFFB
DIFFSENSE
SE LVD HVD
THERMAL
SHUTDOWN
CIRCUITRY
DISCNCT
CONTROL
LOGIC
VREF
DIFFSENSE
CIRCUITRY
REFERENCE
GENERATION
VREF
110 Ohms
110Ohms
R1-
R9-
VTOP1
RTOP1
RMID1
RBOT1
R1+
R1-
R9-
R9+
R1-
R9-
SE
GND
DRIV ER
VBOT1
R1+
R9+
36pin SSOP only
+
_
+
_
(
)
X 9
X 9
RTOP9
RMID9
RBOT9
M/S
DIFFB
DIFFSENSE
SE LVD HVD
THERMAL
SHUTDOWN
CIRCUITRY
DISCNCT
CONTROL
LOGIC
VREF
DIFFSENSE
CIRCUITRY
REFERENCE
GENERATION
VREF
110 Ohms
110Ohms
R1-
R9-
VTOP1
RTOP1
RMID1
RBOT1
R1+
R1-
R9-
R9+
R1-
R9-
SE
GND
DRIV ER
VBOT1
R1+
R9+
36pin SSOP only
+
_
+
_
+
_
+
_
(
)
X 9
X 9
RTOP9
RMID9
RBOT9
M/S


Similar Part No. - G218BR-D3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
G2180B1EB1S MICROSEMI-G2180B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180B1EN1S MICROSEMI-G2180B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EB1S MICROSEMI-G2180C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EN1S MICROSEMI-G2180C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180D1EB1S MICROSEMI-G2180D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G218BR-D3

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com