Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA41CS24 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CTA41CS24
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA41CS24 Datasheet(HTML) 2 Page - CIT Relay & Switch

  CTA41CS24 Datasheet HTML 1Page - CIT Relay & Switch CTA41CS24 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA4
CTA4
2.Contact Arrangement:
1A = SPST N.O.
1C = SPDT
1U = SPST N.O.
1W = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
2U = (2) SPST N.O.
2W = (2) SPDT
1C
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Coil Voltage:
3VDC
5VDC
6VDC
9VDC
12VDC
18VDC
24VDC
12VDC
DIMENSIONS (Units = mm)
SINGLE PACKAGE
DUAL PACKAGE
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1C
1U
1W
2A
2C
2U
2W
CTA4


Similar Part No. - CTA41CS24

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CTA400-0001-01 VIMARLOW-CTA400-0001-01 Datasheet
322Kb / 2P
   Air to Air TE Exchanger Standard Product
CTA400-0001-01 VIMARLOW-CTA400-0001-01 Datasheet
322Kb / 2P
   Climatherm 400 Series
CTA400-0001-02 VIMARLOW-CTA400-0001-02 Datasheet
322Kb / 2P
   Air to Air TE Exchanger Standard Product
CTA400-0001-02 VIMARLOW-CTA400-0001-02 Datasheet
322Kb / 2P
   Climatherm 400 Series
CTA400-0001-03 VIMARLOW-CTA400-0001-03 Datasheet
322Kb / 2P
   Air to Air TE Exchanger Standard Product
More results

Similar Description - CTA41CS24

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com