Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G671L463T71UF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G671L463T71UF
Description  Microprocessor Reset IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G671L463T71UF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G671L463T71UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G671L463T71UF Datasheet HTML 11Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Ver: 1.5
Dec 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G670/G671
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6.0V
RESET, RESET (push-pull) . . . . . -0.3V to (VCC + 0.3V)
RESET (open drain) . . . . . . . . . . . . . . . .-0.3V to +6.0V
Input Current, VCC. . . . . . . . . . . . . . . . . . . . . . . . ..20mA
Output Current, RESET, RESET . . . . . . . . . . . . .20mA
Continuous Power Dissipation (TA = +70°C)
SOT-23 (derate 4mW/°C above +70°C) . . . .. . 100mW
SOT-89 (derate 4mW/°C above +70°C). . . .. . .100mW
TO-92 (derate 4mW/°C above +70°C). . . .. . . . 100mW
Operating Temperature Range. . . .. . .-40°C to +105°C
Storage Temperature Range. . . .. . . ..-65°C to +150°C
Reflow Temperature (soldering, 10sec) . . . .. . .+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
TA = 0°C +70°C
1.0
---
5.5
VCC Range
TA = -40°C +105°C
1.2
---
5.5
V
VCC<5.5V, G67_
_463/438/400/330_
---
16.5
25
Supply Current
ICC
VCC<3.6V, G67_ _308/293/263_
TA = -40°C +105°C
---
13.9
22
µA
G67_ _463_
4.50
4.60
4.69
G67_ _438_
4.23
4.32
4.40
G67_ _400_
3.88
3.96
4.04
G67_ _330_
3.24
3.30
3.37
G67_ _308_
3.04
3.10
3.16
G67_ _293_
2.86
2.91
2.96
Reset Threshold
VTH
G67_ _263_
TA = +25°C
2.59
2.64
2.69
V
Reset Threshold Hysterisis
VHYST
3.60
5.30
7.00
%
Reset Threshold Tempco
---
40
---
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH – 100mV)
---
7
---
µs
Reset Active Timeout Period
VCC = VTH max,
---
---
2
ms
RESET
Output Current Low
(push-pull active low,and
open-drain active-low, G670L
and G671L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
---
---
mA
VCC = 5V, V RESET = 4.5V, G670L463/438/400/330
4.5
---
---
VCC = 3.3V, V RESET = 2.8V,G670L308/293
3
---
---
RESET
Output Current High
(push-pull active low, G670L)
IOH
VCC = 3V, V RESET = 2.5V, G670L263
2
---
---
mA
VCC = 5V, VRESET = 0.5V, G670H463/438/400/330
16
---
---
VCC = 3.3V, VRESET = 0.5V, G670H308/293
12
---
---
RESET Output Current Low
(push-pull active high, G670H)
IOL
VCC = 3V, VRESET = 0.5V, G670H263
10
---
---
mA
RESET Output Current High
(push-pull active high, G670H)
IOH
VCC = 2.5V, VRESET = 2V
2
---
---
mA
RESET
Open-Drain Output
Leakage Current (G671L)
VCC > VTH, RESET deasserted
---
---
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2:
RESET output is for G670L/G671L; While RESET output is for G670H.


Similar Part No. - G671L463T71UF

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
   InGaAs PIN photodiode array
logo
GTM CORPORATION
G6718 GTM-G6718 Datasheet
160Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
More results

Similar Description - G671L463T71UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com