Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G218BR-S5F Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G218BR-S5F
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G218BR-S5F Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G218BR-S5F Datasheet HTML 3Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 4Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 5Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 6Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 7Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 8Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 9Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 10Page - Global Mixed-mode Technology Inc G218BR-S5F Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver 1.4
Apr 07, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G218B
Global Mixed-mode Technology Inc.
TSSOP-28 Package
NOTE:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance
±0.1mm unless otherwise specified
3. Coplanarity : 0.1mm
4. Controlling dimension is in millimeter. Converted inch dimensions are not necessarily accurate.
5. Follow JEDEC MO-153
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.20
-----
-----
0.048
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-----
0.30
0.007
-----
0.012
C
0.09
-----
0.20
0.004
-----
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
E
-----
6.40
-----
-----
0.252
-----
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-----
0.65
-----
-----
0.026
-----
L
0.45
0.60
0.75
0.018
0.024
0.030
y
-----
-----
0.10
-----
-----
0.004
θ
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
Q’TY/TUBE
SSOP-28
2,500 ea
50 ea
SSOP-36
1,000 ea
29 ea
TSSOP-28
2,500 ea
50 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
28
E1
E
D
1
b
A
A1
A2
C
L
θ
e
F e e d D irectio n
T ypical S S O P , T S S O P P ackage O rie ntatio n
F e e d D irectio n
T ypical S S O P , T S S O P P ackage O rie ntatio n


Similar Part No. - G218BR-S5F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
G2180B1EB1S MICROSEMI-G2180B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180B1EN1S MICROSEMI-G2180B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EB1S MICROSEMI-G2180C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EN1S MICROSEMI-G2180C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180D1EB1S MICROSEMI-G2180D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G218BR-S5F

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com