Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G671L438T71UF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G671L438T71UF
Description  Microprocessor Reset IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G671L438T71UF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G671L438T71UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G671L438T71UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ver: 1.5
Dec 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G670/G671
Global Mixed-mode Technology Inc.
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull
RESET Output (G670L)
Push-Pull RESET Output (G670H)
Open-Drain RESET Output (G671L)
2ms max Power-On Reset Pulse Width
14µA Supply Current
Guaranteed Reset Valid to VCC = +1V
Power Supply Transient Immunity
No External Components
3-Pin SOT-23,TO-92 and SOT-89 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G670/G671 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V- pow-
ered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold. Reset thresholds suitable for
operation with a variety of supply voltages are avail-
able.
The G671L has an open-drain output stage, while the
G670 have push-pull outputs. The G671L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G670L
have an active-low RESET output, while the G670H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 1V.
Low supply current makes the G670/G671 ideal for
use in portable equipment. The G670/G671 are avail-
able in 3-pin SOT-23, TO-92 and SOT-89 packages.
Pin Configuration
Typical Application Circuit
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G670/G671
VCC
R
PULL-UP
V
CC
*
*G671 only
SOT-23
1
2
3
Top View
1
2
3
Top View
1
2
3
SOT-89
TO-92
13
2
Top
View
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G670/G671
VCC
R
PULL-UP
V
CC
*
*G671 only
SOT-23
1
2
3
Top View
Top View
1
2
3
Top View
1
2
3
SOT-89
TO-92
13
2
Top
View


Similar Part No. - G671L438T71UF

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
   InGaAs PIN photodiode array
logo
GTM CORPORATION
G6718 GTM-G6718 Datasheet
160Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
More results

Similar Description - G671L438T71UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com