Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMTR2805S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # FMTR2805S
Description  EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMTR2805S Datasheet(HTML) 7 Page - Interpoint Corporation Company

  FMTR2805S Datasheet HTML 1Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 2Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 3Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 4Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 5Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 6Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 7Page - Interpoint Corporation Company FMTR2805S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FMTR SERIES
30 WATT
DC/DC CONVERTERS
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
CASE U
TOP VIEW
(PIN SIDE)
1.505 max (38.23)
3.005 (76.33) max.
Angled corner indicates pin one
FIGURE 20: CASE U MAXIMUM DIMENSIONS
CAUTION
Heat from reflow or wave soldering may damage the
device. Solder pins individually with heat application not
exceeding 300°C for 10 seconds per pin.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places, ±0.01
(0.2) for two decimal places unless otherwise specified
Although every effort has been made to render the case
drawings at actual size, variations in the printing process
may cause some distortion. Please refer to the numerical
dimensions for accuracy.
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
Seam Seal
TOP VIEW CASE U
FIGURE 21: CASE U


Similar Part No. - FMTR2805S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
FMTR2812D CRANE-FMTR2812D Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
FMTR2812D/ES CRANE-FMTR2812D/ES Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
FMTR2812S CRANE-FMTR2812S Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
FMTR2812S/ES CRANE-FMTR2812S/ES Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - FMTR2805S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
FMTR2812S CRANE-FMTR2812S Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com