Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G699L293T1U Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G699L293T1U
Description  Microprocessor Reset IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G699L293T1U Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G699L293T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G699L293T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver: 1.3
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G698/G699
Global Mixed-mode Technology Inc.
Timing Diagram
Figure 1
Functional Diagram
Figure 2
V
CC
VTH+
VTH-
V
CC
V
CC
V
CC
VTH-
VTH-
0V
0V
tD2
V
CC, Pin 5
CD, Pin 1
0.675 V
IN
Reset Output
(Active Low), Pin 4
Reset Output
(Active High), Pin 4
V
CC
VTH+
VTH-
V
CC
V
CC
V
CC
VTH-
VTH-
0V
0V
tD2
V
CC, Pin 5
CD, Pin 1
0.675 V
IN
Reset Output
(Active Low), Pin 4
Reset Output
(Active High), Pin 4
() is for G698H
2
VCC
VTH
RESET
1
3GND 5CD
+
2
VCC
VTH
RESET
(RESET)
1
3GND 5CD
+
*
I
CD
I
CD
() is for G698H
2
VCC
VTH
RESET
1
3GND 5CD
+
2
VCC
VTH
RESET
(RESET)
1
3GND 5CD
+
*
I
CD
I
CD


Similar Part No. - G699L293T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G690H GMT-G690H Datasheet
219Kb / 12P
   Microprocessor Reset IC
G690H263T21 GMT-G690H263T21 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G690H263T22 GMT-G690H263T22 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G690H263T23 GMT-G690H263T23 Datasheet
219Kb / 12P
   Microprocessor Reset IC
More results

Similar Description - G699L293T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com