Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES29DS800FT-70TGI Datasheet(PDF) 2 Page - Excel Semiconductor Inc.

Part # ES29DS800FT-70TGI
Description  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS800FT-70TGI Datasheet(HTML) 2 Page - Excel Semiconductor Inc.

  ES29DS800FT-70TGI Datasheet HTML 1Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 2Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS800FT-70TGI Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ES I
ES I
2
Rev.0B January 5, 2006
ES29LV400E
Excel Semiconductor inc.
The ES29LV400 is a 4 megabit, 3.0 volt-only flash
memory device, organized as 512K x 8 bits (Byte
mode) or 256K x 16 bits (Word mode) which is con-
figurable by BYTE#. Four boot sectors and seven
main sectors are provided : 16Kbytes x 1, 8Kbytes
x 2, 32Kbytes x 1 and 64Kbytes x 7. The device is
manufactured with ESI’s proprietary, high perfor-
mance and highly reliable 0.18um CMOS flash
technology. The device can be programmed or
erased in-system with standard 3.0 Volt Vcc supply
( 2.7V-3.6V) and can also be programmed in stan-
dard EPROM programmers. The device offers min-
imum endurance of 100,000 program/erase cycles
and more than 10 years of data retention.
The ES29LV400 offers access time as fast as
70ns, allowing operation of high-speed micropro-
cessors without wait states. Three separate control
pins are provided to eliminate bus contention : chip
enable (CE#), write enable (WE#) and output
enable (OE#).
All program and erase operation are automatically
and internally performed and controlled by embed-
ded program/erase algorithms built in the device.
The device automatically generates and times the
necessary high-voltage pulses to be applied to the
cells, performs the verification, and counts the num-
ber of sequences. Some status bits (DQ7, DQ6 and
DQ5) read by data# polling or toggling between
consecutive read cycles provide to the users the
internal status of program/erase operation: whether
it is successfully done or still being progressed.
The ES29LV400 is completely compatible with the
JEDEC standard command set of single power sup-
ply Flash. Commands are written to the internal
command register using standard write timings of
microprocessor and data can be read out from the
cell array in the device with the same way as used in
other EPROM or flash devices.
GENERAL PRODUCT DESCRIPTION


Similar Part No. - ES29DS800FT-70TGI

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29DS800FT-70RTG EXCELSEMI-ES29DS800FT-70RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS800FT-70WC EXCELSEMI-ES29DS800FT-70WC Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29DS800FT-70TGI

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com