Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1200B5G Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CL1200B5G
Description  SINGLE CORLORED, BI-COLORED LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CL1200B5G Datasheet(HTML) 2 Page - CIT Relay & Switch

  CL1200B5G Datasheet HTML 1Page - CIT Relay & Switch CL1200B5G Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
DIMENSIONS
A - FRAME & CAP
B – FRAME & CAP
SCHEMATIC & PC LAYOUT
SINGLE COLORED LED
BI-COLORED LED
LED SPECIFICATIONS
Value
LED Ratings
R
G
Y
B
RS
GS
YS
BS
Units
Reverse Voltage
VR
5
5
5
5
5
5
5
5
V
Forward Current (avg)
IF
30
30
30
30
30
25
30
30
mA
Forward Current (peak)
IFS
160
150
140
150
155
140
150
150
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
10
10
µA
Power Dissipation
PT
105
105
105
105
100
105
125
105
mW
Operating Temperature
TA
-40~ +85
°C
Storage temperature
TSTG
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
2
2.1
2.1
3.5
1.85
2.2
2.0
3.5
V
Forward Voltage (max.), IF = 20mA
VF
2.5
2.5
2.5
4.0
2.5
2.5
2.5
4.0
V
Capacitance, VF = 0V, f = 1MHz
CO
15
20
20
100
45
15
25
100
pF
Wavelength at Peak Emmission, IF = 20mA
λP
627
568
590
468
660
565
590
468
nm
Spectral Line Half-Width, IF = 20mA
∆λ
45
26
35
25
20
30
28
25
nm
Luminous Intensity, IF = 20mA
LI
69
98
29
99
598
599
698
648
mcd
Viewing Angle
Θ
20
20
20
20
20
20
20
20
Deg
CL1200


Similar Part No. - CL1200B5G

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CL1200B2 CIT-CL1200B2 Datasheet
236Kb / 3P
   CIT SWITCH
CL1200B22 CIT-CL1200B22 Datasheet
236Kb / 3P
   CIT SWITCH
CL1200B23 CIT-CL1200B23 Datasheet
236Kb / 3P
   CIT SWITCH
CL1200B24 CIT-CL1200B24 Datasheet
236Kb / 3P
   CIT SWITCH
CL1200B25 CIT-CL1200B25 Datasheet
236Kb / 3P
   CIT SWITCH
More results

Similar Description - CL1200B5G

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDR-SJE-Q2R-1 DOMINANT-DDR-SJE-Q2R-1 Datasheet
816Kb / 14P
   LED Colored Resin
DDY-EJE-T2U-1 DOMINANT-DDY-EJE-T2U-1 Datasheet
816Kb / 12P
   LED Colored Resin
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
logo
List of Unclassifed Man...
QBLP600-RIB ETC1-QBLP600-RIB Datasheet
493Kb / 8P
   BI COLOR LED
QBLP613-RIG ETC-QBLP613-RIG Datasheet
579Kb / 11P
   LED BI-COLOR
QBLP631-RAG ETC-QBLP631-RAG Datasheet
690Kb / 9P
   Bi-Color LED
QBLP600-RAG ETC1-QBLP600-RAG Datasheet
596Kb / 9P
   LED BI COLOR
logo
DB Lectro Inc
BTL-32NRYGC DBLECTRO-BTL-32NRYGC Datasheet
210Kb / 3P
   BI-COLOR LED
logo
List of Unclassifed Man...
QBLP613-RIG ETC1-QBLP613-RIG Datasheet
654Kb / 12P
   BI-Color LED
QBLP650-RAG ETC1-QBLP650-RAG Datasheet
403Kb / 10P
   BI COLOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com