Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G915T25U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G915T25U
Description  1.5V 600mA Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G915T25U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G915T25U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G915T25U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G915T25U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G915T25U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G915T25U Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver: 1.1
Aug 04, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G915
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
100
200
300
400
-25 -15 -5
5
1525354555657585
Temperature (°C)
VIN=4V
VIN=5V
600
700
800
900
1000
1100
1200
1300
1400
1500
100
200
300
400
500
600
IL (mA)
TA=85°C
1.47
1.48
1.49
1.5
1.51
1.52
1.53
-25
-5
1535
5575
Temperature (°C)
VIN=3V
VIN=4V
VIN=5V
IL=10mA
1.5
1.502
1.504
1.506
1.508
1.51
1.512
1.514
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
IL=10mA
SOT89 Max. Power Dissipation
vs. PCB Top Copper Area
TAMB = 25°C ; Still Air
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
012
345
PCB Top Copper Area (in
2)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
SOT89 Max. Power Dissipation
vs. TAMB (still air)
( Different PCB Top Copper Area )
Quiescent Current vs. Temperature
TA=25°C
TA=-25°C
Dropout Voltage vs. IL
Output Voltage vs. Temperature
Output Voltage vs. VIN
TA=85°C
TA=25°C
TA=-25°C
Unit : in
2
Recommend Minimum Footprint


Similar Part No. - G915T25U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G915T24U GMT-G915T24U Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
G915T24UF GMT-G915T24UF Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
More results

Similar Description - G915T25U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
   1.5V 600mA Low Dropout Regulator
G915 GMT-G915_07 Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com