Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVST28123R315T-XXX Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DVST28123R315T-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST28123R315T-XXX Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DVST28123R315T-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVST28123R315T-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DVST2800T Series
90054DSD
10
PACKAGE SPECIFICATIONS
PIN
FUNCTION
1
28V IN
2
CASE
3
IN COM
4
INHIBIT
5
+MAIN OUT
6
MAIN RET
7
+AUX1 OUT
8
AUX1 RET
9
+AUX2 OUT
10
AUX2 RET
Note:
Additional mounting options are available. Consult the factory for details.
Figure 12
– Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)


Similar Part No. - DVST28123R315T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST28123R315TML VPT-DVST28123R315TML Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST28123R315T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com