Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084T42U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G1084T42U
Description  5A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084T42U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1084T42U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084T42U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1084
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………………………7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature….………….....…150°C
Storage Temperature Range………-65°C
≤ TJ ≤+150°C
Reflow Temperature (soldering, 10sec).…........260°C
Thermal Resistance Junction to A m b i e n t
TO-252(1)………………...………………………125°C/W
TO-263(1)………………………………………….100°C/W
Thermal Resistance Junction to Case
T O - 2 5 2 … … ……….………...................10°C/W
TO-263………………..……………………….........6°C/W
ESD Rating (Human Body Model)…….....................2kV
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
(VIN-VADJ) Voltage………..……………….……2.5V~5.5V
Temperature Range…………….…..…..-40°C
≤TA≤ 85°C
Electrical Characteristics
Operating Conditions: VIN ≤ 5.5V, TA =TJ = 25°C unless otherwise specified. [Note3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
VIN - VOUT = 2V, IOUT = 10mA
1.225
1.250
1.275
V
Line Regulation
(VOUT + 1.5V) < VIN < 5.5V, IOUT = 10mA
---
0.5
1
%
Load Regulation
(VIN - VOUT) = 2V, 10mA < IOUT <5A
---
0.04
0.5
%
Dropout Voltage
∆VOUT = 2%, IOUT = 5A
---
1.3
1.5
V
Current Limit
(VIN - VOUT) = 2V
---
5.4
---
A
Adjust Pin Current Change
VIN - VOUT = 2V, 10mA < IOUT < 5A
---
0.15
---
µA
Minimum Load Current
1.5V < (VIN - VOUT) < 5.25V
10
---
---
mA
Quiescent Current
VIN - VOUT = 2V
---
80
150
µA
Ripple Rejection
f = 120Hz, COUT = 10µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 1A
---
45
---
dB
Temperature Stability
VIN = 4V, IO =10mA
---
0.3
---
%
RMS Output Noise (% of VOUT)
TA = 25°C, 10Hz < f < 10kHz, ILOAD = 10mA
---
0.007
---
%
Thermal Shutdown
Junction Temperature
---
150
---
°C
Thermal Shutdown Hysteresis
---
30
---
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient tem-
perature is Tjmax-TA / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC
will go into thermal shutdown.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.


Similar Part No. - G1084T42U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084T43U GMT-G1084T43U Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084T43UF GMT-G1084T43UF Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
More results

Similar Description - G1084T42U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com