Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1421F Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G1421F
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421F Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G1421F Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421F Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G1421
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
5 00
1k
2k
5 k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
1 0m
20 m
50m
10 0m
200m
500m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2 k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20m
50m
10 0m
2 00 m
500m
W
VDD=3.3V
RL=4Ω
BTL
Po=0.65W
Av=-4V/V
Av=-2V/V
Av=-1V/V
VDD=3.3V
RL=4Ω
BTL
Av=-2V/V
Po=0.7W
Po=0.35W
Po=0.1W
20kHz
1kHz
20Hz
VDD=3.3V
RL=8Ω
BTL
VDD=3.3V
RL=8Ω
BTL
Po=0.4W
Av=-1V/V
Av=-2V/V
Av=-4V/V
VDD=3.3V
RL=8Ω
BTL
Av=-2V/V
Po=0.1W
Po=0.4W
Po=0.25W
VDD=5V
RL=4Ω
SE
20kHz
1kHz
100Hz
Figure 11
Figure 12
Figure 13
Figure 14
Figure 15
Figure 16
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power


Similar Part No. - G1421F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1421 ETC2-G1421 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1421 HEYCO-G1421 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Similar Description - G1421F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
   2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
   Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Jiaxing Heroic Technolo...
HT97220 HEROIC-HT97220 Datasheet
946Kb / 6P
   125mW Stereo Line Driver/Headphone Amplifier with Output Coupling Capacitor
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com