Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1422 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G1422
Description  2W Stereo Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1422 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G1422 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1422 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ver: 1.2
Jun 29, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G1422
Global Mixed-mode Technology Inc.
Typical Characteristics
Table of Graphs
FIGURE
vs Frequency
2,4,6,9,11,15,17
THD +N Total harmonic distortion plus noise
vs Output Power
1,3,5,7,8,10,12,13,14,16,18
Output noise voltage
vs Frequency
20
Supply ripple rejection ratio
vs Frequency
19
Crosstalk
vs Frequency
22,23
Vn
Open loop response
vs Frequency
21
IDD
Supply current
Vs Supply Voltage
24
vs Load Resistance
25,26
PO
Output power
Vs Load Resistance
27,28
PD
Power dissipation
vs Output Power
29,30,31,32
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=3Ω
BTL
Av=-2V/V
1kHz
20kHz
20 Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Po=1.8W
VDD=5V
RL=3Ω
BTL
Av=-2V/V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=4Ω
BTL
Av=-2V/V
1kHz
20 Hz
20kHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=4Ω
BTL
Po=2W
Av=-1V/V
Av=-2V/V
Av=-4V/V
Figure 1
Figure 2
Figure 3
Figure 4
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Frequency


Similar Part No. - G1422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1422 ETC2-G1422 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
logo
Heyco.
G1422 HEYCO-G1422 Datasheet
77Kb / 1P
   Rubber Grommets
More results

Similar Description - G1422

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com