Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G924-340T1U Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G924-340T1U
Description  300mA Low-Noise LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924-340T1U Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

  G924-340T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924-340T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G924
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ
1
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-5
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
SOT-23-5 Package Orientation
Feed Direction
SOT-23-5 Package Orientation


Similar Part No. - G924-340T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G924-340T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com