Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35NXA220M10X20 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 35NXA220M10X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35NXA220M10X20 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  35NXA220M10X20 Datasheet HTML 1Page - RUBYCON CORPORATION 35NXA220M10X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
10
(1A)
6.3
(0J)
Size
Ripple
16
(1C)
Size
Ripple
25
(1E)
Size
Ripple
Size
Ripple
33
47
100
220
330
470
1000
49
68
54
84
111
182
247
137
202
262
472
68
135
147
212
378
10×16
297
8×11.5
8×11.5
68
63
5×11
135
6.3×11
10×20
8×11.5
8×11.5
10×12.5
8×11.5
10×12.5
6.3×11
6.3×11
5×11
6.3×11
5×11
12.5×20
10×16
8×11.5
333
10×12.5
10×16
10×20
161
50
(1H)
35
(1V)
Size
Ripple
Size
Ripple
0.47
1
2.2
3.3
4.7
10
33
22
47
100
220
330
470
10×20
256
12.5×20
343
12.5×25
402
10×12.5
56
44
5×11
68
6.3×11
6.3×11
142
10×16
149
12.5×20
277
12.5×25
364
8×11.5
44
30
5×11
23
5×11
19
5×11
14
5×11
12
5×11
7
5×11
56
6.3×11
6.3×11
78
φD
φd
F
5
0.5
0.6
2.0
6.3
2.5
8
3.5
10
5.0
12.5
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NXA
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
L+1.5MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 35NXA220M10X20

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
35N03 FS-35N03 Datasheet
591Kb / 5P
   N-Channel Power MOSFET
35N03 FS-35N03 Datasheet
674Kb / 5P
   N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
logo
Inchange Semiconductor ...
35N08 ISC-35N08 Datasheet
49Kb / 2P
   Fast Switching
35N10 ISC-35N10 Datasheet
49Kb / 2P
   Fast Switching
More results

Similar Description - 35NXA220M10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com