Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G916-310TOU Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G916-310TOU
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-310TOU Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G916-310TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 10Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 11Page - Global Mixed-mode Technology Inc G916-310TOU Datasheet HTML 12Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G916
Global Mixed-mode Technology Inc.
Pin Description
PIN
G916
G916-XXX
NAME
FUNCTION
1
1
IN
Regulator Input. Supply voltage can range from +2.5V to +6.0V. Bypass with 1µF to GND
2
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board
ground plane to maximize thermal dissipation.
3
3
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to less than 1µA. Connect to IN
for normal operation.
4
SET
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage to
the preset output voltage. Connect to an external resistor divider for adjustable-output op-
eration.
4
BYP
This is a reference bypass pin. It should connect external 10nF capacitor to GND to reduce
output noise. Bypass capacitor must be no less than 1nF. (CBYP≥ 1nF)
5
5
OUT
Regulator Output. Sources up to 300mA. Bypass with a 1µF, <0.2
Ω typical ESR capacitor
to GND.
Detailed Description
The block diagram of the G916 is shown in Figure 1. It
consists of an error amplifier, 1.25V bandgap reference,
PMOS output transistor, internal feedback voltage divider,
mode comparator, shutdown logic, over current protec-
tion circuit, and over temperature protection circuit.
The mode comparator compares the SET pin voltage
with an internal 350mV reference. If the SET pin volt-
age is less than 350mV, the internal feedback voltage
divider’s central tap is connected to the non-inverting
input of the error amplifier. The error amplifier com-
pares non-inverting input with the 1.25V bandgap ref-
erence. If the feedback voltage is higher than 1.25V,
the error amplifier’s output becomes higher so that the
PMOS output transistor has a smaller gate-to-source
voltage (VGS). This reduces the current carrying capa-
bility of the PMOS output transistor, as a result the
output voltage decreases until the feedback voltage is
equal to 1.25V. Similarly, when the feedback voltage is
less than 1.25V, the error amplifier causes the output
PMOS to source more current to pull the feedback
voltage up to 1.25V. Thus, through this feedback ac-
tion, the error amplifier, output PMOS, and the voltage
dividers effectively form a unity-gain amplifier with the
feedback voltage force to be the same as the 1.25V
bandgap reference. The output voltage, VOUT, is then
given by the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
Alternatively, the relationship between R1 and R2 is
given by:
R1 = R2 (VOUT /1.25 - 1).
(2)
For the reasons of reducing power dissipation and
loop stability, R2 is chosen to be 100K
Ω. For G916,
R1 is 164K, and the pre-set VOUT is 3.30V.
When external voltage divider is used, as shown in
Figure 2, the SET pin voltage will be larger than
350mV. The non-inverting input of the amplifier will be
connected to the external voltage divider. However,
the operation of the feedback loop is the same, so that
the conditions of Equations 1 and 2 are still true. The
output voltage is still given by Equation 1.
For G916-XXX, adjust the internal reference and in-
ternal voltage divider. It provides a fixed mode output
ranging from 1.2V to 5V.


Similar Part No. - G916-310TOU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-310TOU

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com