Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES29LV800D-70WC Datasheet(PDF) 6 Page - Excel Semiconductor Inc.

Part # ES29LV800D-70WC
Description  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV800D-70WC Datasheet(HTML) 6 Page - Excel Semiconductor Inc.

Back Button ES29LV800D-70WC Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 9Page - Excel Semiconductor Inc. ES29LV800D-70WC Datasheet HTML 10Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ES I
ES I
6
Rev. 0A January 5, 2006
ES29LV800E
Excel Semiconductor inc.
Several device operational modes are provided in
the ES29LV800 device. Commands are used to ini-
tiate the device operations. They are latched and
stored into internal registers with the address and
data information needed to execute the device
operation.
The available device operational modes are listed
in Table 1 with the required inputs, controls, and the
resulting
outputs.
Each
operational
mode
is
described in further detail in the following subsec-
tions.
Read
The internal state of the device is set for the read
mode and the device is ready for reading array data
upon device power-up, or after a hardware reset. To
read the stored data from the cell array of the
device, CE# and OE# pins should be driven to VIL
while WE# pin remains at VIH. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins.
Word or byte mode of output data is determined by
the BYTE# pin. No additional command is needed
in this mode to obtain array data. Standard micro-
processor read cycles that assert valid addresses
on the device address inputs produce valid data on
the device data outputs. The device stays at the read
mode until another operation is activated by writing
commands into the internal command register. Refer
to the AC read cycle timing diagrams for further
details ( Fig. 16 ).
Word/Byte Mode Configuration ( BYTE# )
The device data output can be configured by BYTE#
into one of two modes : word and byte modes. If the
BYTE# pin is set at logic ‘1’, the device is configured
in word mode, DQ0 - DQ15 are active and controlled
by CE# and OE#. If the BYTE# pin is set at logic ‘0’,
the device is configured in byte mode, and only data
I/O pins DQ0 - DQ7 are active and controlled by CE#
and OE#. The data I/O pins DQ8 - DQ14 are tri-
stated, and the DQ15 pin is used as an input for the
LSB (A-1) address.
Standby Mode
When the device is not selected or activated in a
system, it needs to stay at the standby mode, in
which current consumption is greatly reduced with
outputs in the high impedance state.
DEVICE BUS OPERATIONS


Similar Part No. - ES29LV800D-70WC

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800D-70WC EXCELSEMI-ES29LV800D-70WC Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV800D-70WC

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800D EXCELSEMI-ES29LV800D Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com