Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1427 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1427
Description  2W Stereo Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1427 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1427 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1427 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ver: 1.3
Sep 23, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1427
Global Mixed-mode Technology Inc.
2W Stereo Audio Amplifier
6dB\10dB\15.6dB\21.6dB Selectable Gain Settings
Features
Internal Gain Control, Which Eliminates Exter-
nal Gain-Setting Resistors
Depop Circuitry Integrated
Output Power at 1% THD+N, VDD=5V
--2.0W/CH (typical) into a 4
Ω Load
--1.2W/CH (typical) into a 8
Ω Load
Bridge-Tied Load (BTL), Single-Ended (SE)
Stereo Input MUX
PC-Beep Input
Fully differential Input
Shutdown Control Available
Surface-Mount Power Package
24-Pin TSSOP-P
Applications
Stereo Power Amplifiers for Notebooks or
Desktop Computers
Multimedia Monitors
Stereo Power Amplifiers for Portable Audio
Systems
General Description
G1427 is a stereo audio power amplifier in 24pin
TSSOP thermal pad package. It can drive 2.0W con-
tinuous RMS power into 4
Ω load per channel in
Bridge-Tied Load (BTL) mode at 5V supply voltage. Its
THD is smaller than 1% under the above operation
condition. To simplify the audio system design in the
notebook application, G1427 supports the Bridge-Tied
Load (BTL) mode for driving the speakers, Single-End
(SE) mode for driving the headphone. For the low
current consumption applications, the SHDN mode is
supported to disable G1427 when it is idle. The current
consumption can be reduced to 160µA (typically).
Amplifier gain is internally configured and controlled by
two terminals (GAIN0, GAIN1). BTL gain settings of
6dB, 10dB, 15.6dB, 21.6dB are provided, while SE
gain is always configured as 4.1dB (inverting) for
headphone driving. G1427 also supports two input
paths, that means two different amplitude AC signals
can be applied and chosen by setting HP/ LINE pin. It
enhances the hardware designing flexibility.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
G1427F31U
G1427F31Uf
-40°C to +85°C
TSSOP-24 (FD)
Note: U:Tape & Reel
(FD): Thermal Pad
Pin Configuration
ROUT+
RHPIN
VDD
PVDD
HP/LINE
ROUT-
PC-BEEP
GND/HS
GAIN1
LOUT+
LLINEIN
LPHIN
PVDD
SHUTDOWN
LOUT-
G1427
GND/HS
TSSOP-24
13
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
GAIN0
RLINEIN
Thermal
Pad
Top View
Bottom View
GND/HS
GND/HS
RIN
LIN
BYPASS
SE/BTL
ROUT+
RHPIN
VDD
PVDD
HP/LINE
ROUT-
PC-BEEP
GND/HS
GAIN1
LOUT+
LLINEIN
LPHIN
PVDD
SHUTDOWN
LOUT-
G1427
GND/HS
TSSOP-24
13
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
GAIN0
RLINEIN
Thermal
Pad
Top View
Bottom View
GND/HS
GND/HS
RIN
LIN
BYPASS
SE/BTL


Similar Part No. - G1427

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1427 ETC2-G1427 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1427 HEYCO-G1427 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Similar Description - G1427

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com