Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25SKV100M8X105 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 25SKV100M8X105
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25SKV100M8X105 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  25SKV100M8X105 Datasheet HTML 1Page - RUBYCON CORPORATION 25SKV100M8X105 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆STANDARD SIZE, RATED RIPPLE CURRENT   Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz) 
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
0.1
1.0
0.22
4×5.5
4×5.5
2.0
0.33
4×5.5
3.0
0.47
4×5.5
4.0
1
4×5.5
8.0
2.2
4×5.5
11
3.3
4×5.5
13
4.7
5×5.5
18
10
6.3×5.5
28
8×6.5
70
22
33
8×10.5
135
47
8×10.5
155
10×10.5
180
100
220
330
470
1000
8
10
6.5
10.5
8.3
10.3
8.3
10.3
3.4
3.2
0.5∼0.8
0.8∼1.1
2.2
8
10.5 8.3 8.3 2.9 0.8∼1.1 3.1
4.5
φD
4
5
L
5.5
5.5
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
0.5∼0.8
0.5∼0.8
P
1.0
1.3
6.3 5.5 6.6 6.6 2.7 0.5∼0.8 1.8
8×10.5
200
10×10.5
315
8×10.5
180
10×10.5
305
10×10.5
360
6.3×5.5
46
5×5.5
24
4×5.5
14
5×5.5
31
4×5.5
20
8×10.5
190
10×10.5
353
10×10.5
450
8×6.5
118
8×10.5
180
6.3×5.5
48
8×10.5
195
10×10.5
440
8×10.5
185
6.3×5.5
56
6.3×5.5
65
4×5.5
23
6.3×5.5
57
6.3×5.5
74
5×5.5
34
8×10.5
210
10×10.5
440
8×10.5
195
5×5.5
37
8×10.5
210
10×10.5
480
10×10.5
460
WV(V.DC)
Cap(μF)
SKV
φ8×10.5 and φ10 have sleeve.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX


Similar Part No. - 25SKV100M8X105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
25SC10M SANYO-25SC10M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
25SC15M SANYO-25SC15M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
25SC1M SANYO-25SC1M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
25SC1R5M SANYO-25SC1R5M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
25SC22M SANYO-25SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
More results

Similar Description - 25SKV100M8X105

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com