Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1427F31U Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G1427F31U
Description  2W Stereo Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1427F31U Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1427F31U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1427F31U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ver: 1.3
Sep 23, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1427
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
50 0m
1
2
W
VDD=5V
RL=4Ω
BTL,Av=15.6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=4Ω
BTL,Av=21.6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20 k
50
100
200
5 00
1k
2k
5k
10k
Hz
Po=1W
Po=0.25W
Po=0.5W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
50 0m
1
2
W
VDD=5V
RL=8Ω
BTL,Av=6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
5 0
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=8Ω
BTL,Av=6dB
VDD=5V
RL=8Ω
BTL
Po=1W
Av=21.6dB
Av=15.6dB
Av=6dB
Av=10dB
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50 m
100m
200m
500m
1
2
W
VDD=5V
RL=8Ω
BTL,Av=10dB
15kHz
1kHz
20Hz
Figure 11
Figure 12
Figure 13
Figure 14
Figure 15
Figure 16
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Frequency
Total Harmonic Distortion Plus
Noise vs Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Power


Similar Part No. - G1427F31U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1427 ETC2-G1427 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1427 HEYCO-G1427 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Similar Description - G1427F31U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com