Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SSV01M4X45 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50SSV01M4X45
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50SSV01M4X45 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50SSV01M4X45 Datasheet HTML 1Page - RUBYCON CORPORATION 50SSV01M4X45 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
4
5
6.3
L
4.5
4.5
4.5
A1
4.3
5.3
6.6
B1
4.3
5.3
6.6
C
1.8
2.2
2.7
W1
0.5∼0.8
0.5∼0.8
0.5∼0.8
P
1.0
1.3
1.8
◆STANDARD SIZE, RATED RIPPLE CURRENT
SizeφD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
WV
(V.DC)
Cap(μF)
4
(0G)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
6.3×4.5
96
5×4.5
61
4×4.5
34
6.3×4.5
71
5×4.5
46
4×4.5
29
6.3×4.5
60
5×4.5
39
6.3×4.5
48
4×4.5
25
5×4.5
30
4×4.5
18
6.3×4.5 35
5×4.5 22
4×4.5 17
4×4.5 14
4×4.5
8.4
4×4.5
4.0
4×4.5
2.8
4×4.5
2.0
4×4.5
1.0
4×4.5
28
5×4.5
43
6.3×4.5
54
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SSV
L+0.1MAX
0.3MAX
A1
±0.2
W1
0.5MAX


Similar Part No. - 50SSV01M4X45

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
50SST120 CRYDOM-50SST120 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
50SST240 CRYDOM-50SST240 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - 50SSV01M4X45

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com